Electronic Components Datasheet Search
  English  ▼

X  

TDA8757 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8757
Description  Triple 8-bit ADC 170 Msps
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8757 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8757 Datasheet HTML 1Page - NXP Semiconductors TDA8757 Datasheet HTML 2Page - NXP Semiconductors TDA8757 Datasheet HTML 3Page - NXP Semiconductors TDA8757 Datasheet HTML 4Page - NXP Semiconductors TDA8757 Datasheet HTML 5Page - NXP Semiconductors TDA8757 Datasheet HTML 6Page - NXP Semiconductors TDA8757 Datasheet HTML 7Page - NXP Semiconductors TDA8757 Datasheet HTML 8Page - NXP Semiconductors TDA8757 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
Philips Semiconductors
TDA8757
Triple 8-bit ADC 170 Msps
Preliminary data
Rev. 07 — 28 February 2002
2 of 37
9397 750 09457
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
3.
Applications
s RGB/YUV high-speed digitizing
s LCD panels drive
s LCD projection systems
s VGA to UXGA (1600
× 1200 at 60 Hz) modes.
4.
Quick reference data
Table 1:
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCCA
analog supply voltage for PLL
and the RGB channels
4.75
5.0
5.25
V
VDDD
logic supply voltage for I2C-bus
and 3W-bus
4.75
5.0
5.25
V
VCCD
digital supply voltage
4.75
5.0
5.25
V
VCCO
output stages supply voltage
for PLL and the RGB channels
4.75
5.0
5.25
V
VCCA(PLL)
analog PLL supply voltage
4.75
5.0
5.25
V
VCCO(PLL)
output PLL supply voltage
4.75
5.0
5.25
V
ICCA
analog supply current for the
RGB channels
−
135
−
mA
IDDD
logic supply current for I2C-bus
and 3W-bus
−
1
−
mA
ICCD
digital supply current
−
95
−
mA
ICCO
output stages supply current
−
80
−
mA
ICCA(PLL)
analog PLL supply current
−
34
−
mA
fclk
clock frequency
normal (Dmx = 0)
−−
110
MHz
de-multiplexed (Dmx = 1)
−−
170
MHz
fref(PLL)
PLL reference clock frequency
15
−
150
kHz
fPLL
output clock frequency range
10
−
170
MHz
INL
DC integral non-linearity
from analog input to
digital output; full-scale;
sinusoidal input;
fclk = 170 MHz
−±0.5
±1.5
LSB
DNL
DC differential non-linearity
from analog input to
digital output; full-scale;
sinusoidal input;
fclk = 170 MHz
−±0.4
±1
LSB
∆Gamp/∆T
amplifier gain stability variation
with temperature
Vref = 2.5 V with
100 ppm/
°C maximum
−
325
−
ppm/
°C
B
amplifier bandwidth
−3 dB; T
amb =25 °C
250
−−
MHz
tset(ADC+AGC)
settling time of the block
ADC + AGC
input signal settling
time <1 ns; settling to
1%; fi = 85 MHz
−
4
−
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com