Electronic Components Datasheet Search
  English  ▼

X  

NPA1007 Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # NPA1007
Description  Next generation high power RF semiconductor technology
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPA1007 Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  NPA1007 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. NPA1007 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. NPA1007 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. NPA1007 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. NPA1007 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. NPA1007 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. NPA1007 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. NPA1007 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. NPA1007 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
5
HARMONIC
FILTERING
POWER AMPLIFIERS
DRIVER
AMPLIFIER
MIXER
IF AMPLIFIER
Power Amplifiers
MRF Devices
GaN Devices
NPA1008
NPA1006
NPT2021
NPT2022
NPT2024
Driver
Amplifier
GaAs ICs
MAAM-009286
MAAP-011232
XF1001
Limiter
Diode
MADL-011021
Attenuator
MAATSS0018
MAATCC0006
200 W Switch
MASW-011041
200 W Switch
MASW-011040
Mixer
GaAs ICs
Diode ICs
Diode Devices
Hybrid ICs
IF Amplifier
GaAs ICs
MAAM-011206
PLL
Hybrid ICs
VCO
Hybrid ICs
Buffer IC
GaAs ICs
MAAM-009116
LNAs and GPAs
GaAs ICs
MAAL-010704
MAAL-011078
MAAL-011229
Land Mobile Radio
Attenuator
Diode VVAs
MAADSS0016
GaAs VVAs
MAAD-000523
GaAs DATs
MAAVSS0004
MILCOM
MACOM’s GaN solutions offer customers the flexibility in designing systems
to fit their unique requirements
Features and Benefits
> MACOM’s rich heritage in supporting MILCOM radios for the last 50-60 years is still going strong
> Extensive portfolio of RF Power Products enable the right system choices
> Proven track record of high quality and reliability
> Wideband products enable new multifunction system capability requiring complex waveforms and efficient,
economical designs
> Small size, easy to match products enable fast time-to-market
> High gain and 50 V operation provide efficient operation and significantly reduce size of matching networks
> MACOM GaN is mature technology, inexpensive, leverages readily available Si process services,
and delivers consistent quality
> Proven track record in non-obsolescence of the legacy Power MOSFET for the last 30-40 years,
helping customers to support the A&D market
Description
MACOM’s GaN portfolio of plastic power transistors afford MILCOM system designers the most cost effective
solutions across a growing range of frequency bands while not compromising performance. Supporting voltage
operation at 50 V with high gain to reduce input power requirements, the transistors maximize power and
cooling efficiency and provide robust performance. Engineered using leading edge power transistor packaging
techniques and innovative semiconductor designs, MACOM’s high power transistor products provide optimal
operation for CW and pulsed applications.
Block Diagram
GaN2016brochure_singles_052316_Layout1 5/24/16 8:30AM Page6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com