Electronic Components Datasheet Search
  English  ▼

X  

NPA1007 Datasheet(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Part # NPA1007
Description  Next generation high power RF semiconductor technology
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPA1007 Datasheet(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

  NPA1007 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. NPA1007 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. NPA1007 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. NPA1007 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. NPA1007 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. NPA1007 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. NPA1007 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. NPA1007 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. NPA1007 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
RF Power Products: GaN
6
NPA1006
20
1000
28
12.5
14
>45
900
6 x 5 mm DFN-8
NPT2022
1
2000
50
100
20
>60
900
TO-272
NPT2021
1
2500
50
4
17
>55
2500
TO-272
NPA1007
30
2500
28
10
14
>50
2000
6 x 5 mm DFN-8
NPA1008
20
2700
28
5
12
>45
1900
4 x 4 mm PQFN-24
NPT2024
1
2700
50
200
22
65
900
TO-272-4
NPT1012B
1
4000
28
25
13
>50
3000
AC360B-2
NPTB00025AB
1
4000
28
25
13
>50
3000
AC360B-2
NPTB00025B
1
4000
28
25
13
>50
3000
AC360B-2
MAG
x-011086
1
6000
28
4
9
>50
5800
4 x 4 mm QFN-24
NPT2018
1
6000
50
12.5
17.5
>50
2500
6 x 3 mm PDFN-14
NPTB00004A
1
6000
28
5
17
>50
2500
SOIC-8NE
NPTB00004D
1
6000
28
5
17
>50
2500
SOIC-8NE
MAG
x-100027-050
*
1
2700
50
50
17
65
2700
TO-272S-2
MAG
x-100027-100
*
1
2700
50
100
17
65
2700
TO-272S-2
MAG
x-100027-300
*
1
2700
50
300
16
63
2700
TO-272S-4
* In development
Operating
Output Power
Part
Min Freq
Max Freq
Voltage
Psat
Gain
Efficiency
Test Freq
Number
(MHz)
(MHz)
(V)
(W)
(dB)
(%)
(MHz)
Package
Multipurpose / RF Power Transistors GaN on Si: CW and Pulsed
MAG
e-100809-600
*
896
928
50
600
21
73
915
P-282
MAG
e-100809-1K0
*
896
928
50
1000
20
72
915
P-283
MAG
e-100825-002
*
896
2500
50
2
19.5
73
2450
6 x 3 mm DFN-14
MAG
e-100825-005
*
896
2500
50
5
19.5
73
2450
6 x 3 mm DFN-14
MAG
e-100825-010
*
896
2500
50
10
19.5
73
2450
7 x 7 mm PQFN-20
MAG
e-102425-015
*
2400
2500
50
15
18.5
73
2450
7 x 7 mm PQFN-20
MAG
e-102425-030
*
2400
2500
50
30
18.5
73
2450
7 x 7 mm PQFN-20
MAG
e-102425-050
*
2400
2500
50
50
17.5
72
2450
TO-272S-2
MAG
e-102425-100
*
2400
2500
50
100
17.5
72
2450
TO-272S-2
MAG
e-102425-300
*
2400
2500
50
300
16.5
70
2450
TO-272S-4
* In development
Operating
Output Power
Part
Min Freq
Max Freq
Voltage
Psat
Gain
Efficiency
Test Freq
Number
(MHz)
(MHz)
(V)
(W)
(dB)
(%)
(MHz)
Package
RF Energy / RF Power Transistors GaN on Si: CW
MABC-001000-DP000L
50
14
-6
-3
-8 to 0
50
3.3
SMJ2307
MABC-001000-DPS00L
50
14
-6
-3
-8 to 0
50
3.3
SMJ2307
Positive
Positive
Negative
Negative
Output Gate
Output
Pulse Enable
Part
Supply
Supply Current
Supply
Supply Current
Voltage
Gate Current
TTL Voltage
Number
Voltage (V)
(mA)
Voltage (V)
(mA)
(V)
(mA)
(V)
Package
GaN and GaAs Device Bias Sequencer
GaN2016brochure_singles_052316_Layout1 5/24/16 8:30AM Page7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com