Electronic Components Datasheet Search
  English  ▼

X  

NPA1007 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # NPA1007
Description  Next generation high power RF semiconductor technology
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPA1007 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  NPA1007 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. NPA1007 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. NPA1007 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. NPA1007 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. NPA1007 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. NPA1007 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. NPA1007 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. NPA1007 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. NPA1007 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2
RF Energy
MACOM GaN enables RF Energy applications with exceptional efficiency and gain
Features and Benefits
MACOM GaN delivers cost, bandwidth, power density, and efficiency advantages in an array of form factors:
> Higher efficiency and reliability
> Higher linearity
> Increased precision and control
> Excellent gain, low power, and lower cost structure
> Power levels from 2–1000 W
> Frequencies from 890 MHz to 2.45 GHz
> Packages from QFN to TO-272 to ceramic
Description
Radio frequency (RF) energy applications use controlled electromagnetic radiation to heat items or to power all
kinds of processes. Today, magnetron tubes commonly generate this energy. Tomorrow, it will be generated by
an all solid-state semiconductor chain.
Solid-state RF energy offers numerous benefits unavailable via alternate solutions: low-voltage drive,
semiconductor-type reliability, smaller form factor, and an “all-solid-state electronics” footprint. Perhaps its most
compelling attributes are fast frequency, phase- and power-agility complemented by hyper-precision. Collectively,
the technology’s attributes yield an unprecedented process control range, even energy distribution, and fast
adaption to changing load conditions. Ideal for applications including: automotive ignition, industrial cooking,
industrial drying, medical ablation, plasma street lighting.
Block Diagram
HPA
I-DAC
Q-DAC
HPA
I-DAC
Q-DAC
SWITCH
AMPLIFIER
MIXER
I/Q
MODULATOR
OSCILLATOR
VGA
COUPLER
COOKING CAVITY
SWITCH AMPLIFIER
VGA
MIXER
I/Q
MODULATOR
OSCILLATOR
RF SYNTHESIS
COUPLER
RF SYNTHESIS
High Power Amplifiers
MAG
e-100809-600*
MAGe-100809-1K0*
MAGe-100825-002*
MAGe-100825-005*
MAGe-100825-010*
MAGe-102425-015*
MAGe-102425-030*
MAGe-102425-050*
MAGe-102425-100*
MAGe-102425-300*
* In development
High Power Amplifiers
MAG
e-100809-600*
MAGe-100809-1K0*
MAGe-100825-002*
MAGe-100825-005*
MAGe-100825-010*
MAGe-102425-015*
MAGe-102425-030*
MAGe-102425-050*
MAGe-102425-100*
MAGe-102425-300*
* In development
In development
In development
In development
RF Energy Cooking System
GaN2016brochure_singles_052316_Layout1 5/24/16 8:29AM Page3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com