Electronic Components Datasheet Search
  English  ▼

X  

NPA1007 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # NPA1007
Description  Next generation high power RF semiconductor technology
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPA1007 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  NPA1007 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. NPA1007 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. NPA1007 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. NPA1007 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. NPA1007 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. NPA1007 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. NPA1007 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. NPA1007 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. NPA1007 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
GaN RF Power Products
Next generation high power RF semiconductor technology
1
Power Efficiency “>2GHz”
Power Density
Easy Matching
Supply Chain
Cost
Linearity
LDMOS
MACOM GaN on Silicon
Benefits
>10% Improvement
4-6 W/mm
easy
6
"and 8"
Silicon
DPD friendly
Lower Operating Costs, Simpler Cooling
Smaller Footprint and Lower Costs
Time-to-Market and Smaller Footprint
Capacity and Surge Capability
Competitive Bill of Materials
Competitive Bill of Materials
–
1-1.5 W/mm
difficult
Silicon
DPD friendly
8"
Support all ISM Brands
Can be used at >2.45 GHz
Broader Choice for Your Applications
Limited to 2.45 GHz
MACOM continues to develop industry-leading gallium nitride (GaN) RF power products. Our product portfolio
leverages MACOM’s more than 60-year heritage of providing best-in-class standard, application specific and
custom solutions for our radar, EW, ISM, and communications customers.
As a member of the RF Energy Alliance, MACOM brings GaN technology into mainstream
applications such as RF ignition systems, solid-state cooking, and high-lumen plasma lighting.
MACOM GaN products are offered as unmatched transistors, internally matched power transistors, and fully
matched power pallets and modules. Using high performance GaN HEMT processes and leveraging our
proprietary die layout and assembly techniques, these products exhibit robust thermal properties and excellent
RF performance with respect to power, gain, gain-flatness, efficiency, and ruggedness for applications up to 6 GHz.
MACOM’s industry-leading portfolio of cost-effective RF power products uses our unique GaN on Silicon technology
to deliver the cost, bandwidth, power density, and efficiency advantages of GaN in a variety of form factors—
including 2 W to 600 W P1db CW power transistors in ceramic and overmolded plastic DFN and TO-272 packages,
as well as HF through S-band modules and 50 Ω matched pallets. Our GaN on Silicon transistors and amplifiers
improve upon the high power and efficiency performance of LDMOS while at the at the same time providing
the high frequency performance of GaAs. Only MACOM delivers GaN performance at silicon cost structures
to drive adoption.
Why choose GaN?
GaN advantages include:
> High breakdown voltage
> Multi-octave bandwidth
> Superior power density
> High frequency operation
> High RF gain and efficiency
> Excellent thermal conductivity
> GaN performance at silicon cost structures
For over 45 years, MACOM engineers have been redefining RF power and are now applying their
GaN expertise to an array of commercial, industrial, scientific, medical and wireless applications.
Turn to MACOM for superior performance, high power GaN solutions.
GaN2016brochure_singles_052316_Layout1 5/24/16 8:29AM Page2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com