Electronic Components Datasheet Search
  English  ▼

X  

NPA1007 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # NPA1007
Description  Next generation high power RF semiconductor technology
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPA1007 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  NPA1007 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. NPA1007 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. NPA1007 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. NPA1007 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. NPA1007 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. NPA1007 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. NPA1007 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. NPA1007 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. NPA1007 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
3
Basestation
MACOM GaN transforms the network with ease of use and cost effectiveness
Features and Benefits
> Optimized to meet the most demanding bandwidth, performance, and efficiency needs
> Multi-band system: single radio supporting > 100 MHz of bandwidth
> High frequency: enables 1.8 GHz to 6 GHz
> Compact and lightweight: higher power density with smaller package, higher efficiency with smaller heat sink
> Easy to linearize and correct with standard digital pre-distortion (DPD) systems
> CapEx savings: smaller PCBs, lower heat sink cost, single GaN device replaces multiple LDMOS devices
> OpEx Savings: high efficiency reduces utility bill
> Massive MIMO pre-5G sets new standard for integration with high efficiency and high power density
> Faster time to market: simpler devices lead to shorter development times, broadband means fewer PAs
to deal with when covering all bands, excellent applications support
Description
MACOM's new MAGb series is the industry's first commercial basestation-optimized family of GaN transistors
to achieve leadership efficiency, bandwidth and power gain with the linearity and cost structure like LDMOS,
with a path to better than LDMOS cost. Leveraging MACOM's Gen4 GaN technology, this new series enables
wireless carriers to deploy the latest LTE releases and significantly reduce operating expenses at highly competitive
price points, with robust and scalable CMOS-like supply chain combined with MACOM’s best in class applications
and design support team with decades of experience.
Block Diagram
HIGH ISOLATION
SWITCH
SP2T, SP4T, SP5T
DSA
PRE-
DRIVER
ADC
ADC
ADC
ADC
ADC
ADC
CPRI INTERFACE
DRIVER
POWER
AMPLIFIERS
GaN
GaN
TDD
CIRCULATOR
Tx
Rx
DSA
LNA
LNA
HIGH POWER SWITCH
(TDD ONLY)
Wireless
Access TDD
Low Noise Amplifier
MAAL-011078
MAAL-011134
High Isolation Switch
MAAL-011078
MAAL-011134
Low Noise Amplifier
MAAL-010704
Digital Attenuator
MAATSS0015
MAATSS0017
MAAD-000523
Pre-Driver
MAAM-009286
MAAM-009560
GaN Power Amplifiers
Request information
GaN2016brochure_singles_052316_Layout1 5/24/16 8:29AM Page4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com