Electronic Components Datasheet Search
  English  ▼

X  

EL7516 Datasheet(PDF) 4 Page - International Rectifier

Part # EL7516
Description  600kHz/1.2MHz PWM Step-Up Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

EL7516 Datasheet(HTML) 4 Page - International Rectifier

  EL7516 Datasheet HTML 1Page - International Rectifier EL7516 Datasheet HTML 2Page - International Rectifier EL7516 Datasheet HTML 3Page - International Rectifier EL7516 Datasheet HTML 4Page - International Rectifier EL7516 Datasheet HTML 5Page - International Rectifier EL7516 Datasheet HTML 6Page - International Rectifier EL7516 Datasheet HTML 7Page - International Rectifier EL7516 Datasheet HTML 8Page - International Rectifier EL7516 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
FN7333.3
Typical Performance Curves
FIGURE 1. EFFICIENCY - 3.3V VIN TO 12V VOUT @ 1.3MHz
FIGURE 2. LOAD REGULATION - 3.3V VIN TO 12V VOUT
@ 1.3MHz
FIGURE 3. EFFICIENCY - 3.3V VIN TO 12V VOUT @ 620kHz
FIGURE 4. LOAD REGULATION - 3.3V VIN TO 12V VOUT
@ 620kHz
FIGURE 5. EFFICIENCY - 3.3V VIN TO 9V VOUT @ 1.2MHz
FIGURE 6. LOAD REGULATION - 3.3V VIN TO 9V VOUT
@ 1.2MHz
0
100
200
300
400
95
90
85
80
75
IOUT (mA)
0
50
250
300
350
0.6
0.2
-0.2
-0.6
-1
IOUT (mA)
100
150
200
0.4
0
-0.4
-0.8
0
100
200
300
400
90
85
80
75
IOUT (mA)
1
0.5
-0.5
-1
IOUT (mA)
0
50
250
300
350
100
150
200
0
0
100
300
400
500
95
90
80
70
IOUT (mA)
85
75
200
1
0.5
-0.5
-1
IOUT (mA)
0
300
400
500
100
200
0
EL7516



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com