Electronic Components Datasheet Search
  English  ▼

X  

EL7516 Datasheet(PDF) 9 Page - International Rectifier

Part # EL7516
Description  600kHz/1.2MHz PWM Step-Up Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

EL7516 Datasheet(HTML) 9 Page - International Rectifier

Back Button EL7516 Datasheet HTML 3Page - International Rectifier EL7516 Datasheet HTML 4Page - International Rectifier EL7516 Datasheet HTML 5Page - International Rectifier EL7516 Datasheet HTML 6Page - International Rectifier EL7516 Datasheet HTML 7Page - International Rectifier EL7516 Datasheet HTML 8Page - International Rectifier EL7516 Datasheet HTML 9Page - International Rectifier EL7516 Datasheet HTML 10Page - International Rectifier EL7516 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
FN7333.3
During the second cycle, the power FET turns off and the
Schottky diode is forward biased, Figure 30. The energy
stored in the inductor is pumped to the output supplying
output current and charging the output capacitor. The
Schottky diode side of the inductor is clamp to a Schottky
diode above the output voltage. So the voltage drop across
the inductor is VIN - VOUT. The change in inductor current
during the second cycle is:
For stable operation, the same amount of energy stored in
the inductor must be taken out. The change in inductor
current during the two cycles must be the same.
FIGURE 28. BOOST CONVERTER
FIGURE 29. BOOST CONVERTER - CYCLE 1, POWER
SWITCH CLOSED
FIGURE 30. BOOST CONVERTER - CYCLE 2, POWER
SWITCH OPEN
Output Voltage
An external feedback resistor divider is required to divide the
output voltage down to the nominal 1.294V reference
voltage. The current drawn by the resistor network should be
limited to maintain the overall converter efficiency. The
maximum value of the resistor network is limited by the
feedback input bias current and the potential for noise being
coupled into the feedback pin. A resistor network less than
100K is recommended. The boost converter output voltage
is determined by the relationship:
The nominal VFB voltage is 1.294V.
Inductor Selection
The inductor selection determines the output ripple voltage,
transient response, output current capability, and efficiency.
Its selection depends on the input voltage, output voltage,
switching frequency, and maximum output current. For most
applications, the inductance should be in the range of 2µH to
33µH. The inductor maximum DC current specification must
be greater than the peak inductor current required by the
regulator. The peak inductor current can be calculated:
Output Capacitor
Low ESR capacitors should be used to minimized the output
voltage ripple. Multilayer ceramic capacitors (X5R and X7R)
are preferred for the output capacitors because of their lower
ESR and small packages. Tantalum capacitors with higher
ESR can also be used. The output ripple can be calculated
as:
∆I
L
∆T2
VIN VOUT
–
L
--------------------------------
×
=
∆T2
1D
–
FSW
-------------
=
∆I1 ∆I2
+
0
=
D
FSW
------------
VIN
L
--------- 1D
–
FSW
-------------
VIN VOUT
–
L
--------------------------------
×
+
×
0
=
VOUT
VIN
----------------
1
1D
–
-------------
=
EL7516
COUT
CIN
LD
VIN
VOUT
EL7516
COUT
CIN
L
VIN
VOUT
∆T1
∆VO
IL
∆IL1
EL7516
COUT
CIN
LD
VIN
VOUT
∆T2
∆VO
∆IL2
IL
VOUT
VFB
1
R1
R2
-------
+
⎝⎠
⎜⎟
⎛⎞
×
=
IL PEAK
()
IOUT VOUT
×
VIN
------------------------------------ 12
⁄
VIN VOUT VIN
–
()
×
LVOUT FREQ
×
×
-----------------------------------------------------
×
+
=
∆V
O
IOUT D
×
FSW CO
×
--------------------------- IOUT ESR
×
+
=
EL7516



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com