Electronic Components Datasheet Search
  English  ▼

X  

EL7516 Datasheet(PDF) 6 Page - International Rectifier

Part # EL7516
Description  600kHz/1.2MHz PWM Step-Up Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

EL7516 Datasheet(HTML) 6 Page - International Rectifier

Back Button EL7516 Datasheet HTML 2Page - International Rectifier EL7516 Datasheet HTML 3Page - International Rectifier EL7516 Datasheet HTML 4Page - International Rectifier EL7516 Datasheet HTML 5Page - International Rectifier EL7516 Datasheet HTML 6Page - International Rectifier EL7516 Datasheet HTML 7Page - International Rectifier EL7516 Datasheet HTML 8Page - International Rectifier EL7516 Datasheet HTML 9Page - International Rectifier EL7516 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FN7333.3
FIGURE 13. EFFICIENCY - 5V VIN TO 9V VOUT @ 1.2MHz
FIGURE 14. LOAD REGULATION - 5V VIN TO 9V VOUT
@ 1.2MHz
FIGURE 15. LINE REGULATION
FIGURE 16. LINE REGULATION
FIGURE 17. EFFICIENCY vs IOUT - 3.3V TO 8V
FIGURE 18. LOAD REGULATION - 3.3V TO 8V
Typical Performance Curves (Continued)
0
400
800
1K
95
90
75
IOUT (mA)
80
85
600
200
0.6
-0.6
-1
IOUT (mA)
0
400
800
1K
200
-0.2
0
0.4
600
-0.8
-0.4
0.2
246
0.2
0.1
-0.2
VIN (V)
-0.1
0
5
3
VOUT=12V
IOUT=80mA
1.2MHz
600kHz
2.5
4.5
6.5
0.1
0.05
-0.1
VIN (V)
-0.05
0
5.5
3.5
VOUT=8V
IOUT=80mA
600kHz
1.2MHz
10
310
610
95
90
70
IOUT (mA)
75
85
510
110
1.2MHz
600kHz
80
410
210
0
300
600
0.5
0.3
-0.5
IOUT (mA)
-0.3
0.1
500
100
1.2MHz
600kHz
-0.1
400
200
EL7516



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com