Electronic Components Datasheet Search
  English  ▼

X  

EL7516 Datasheet(PDF) 5 Page - International Rectifier

Part # EL7516
Description  600kHz/1.2MHz PWM Step-Up Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

EL7516 Datasheet(HTML) 5 Page - International Rectifier

  EL7516 Datasheet HTML 1Page - International Rectifier EL7516 Datasheet HTML 2Page - International Rectifier EL7516 Datasheet HTML 3Page - International Rectifier EL7516 Datasheet HTML 4Page - International Rectifier EL7516 Datasheet HTML 5Page - International Rectifier EL7516 Datasheet HTML 6Page - International Rectifier EL7516 Datasheet HTML 7Page - International Rectifier EL7516 Datasheet HTML 8Page - International Rectifier EL7516 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
FN7333.3
FIGURE 7. EFFICIENCY - 3.3V VIN TO 9V VOUT @ 600kHz
FIGURE 8. LOAD REGULATION - 3.3V VIN TO 9V VOUT
@ 600kHz
FIGURE 9. EFFICIENCY - 5V VIN TO 12V VOUT @ 1.2MHz
FIGURE 10. LOAD REGULATION - 5V VIN TO 12V VOUT
@ 1.2MHz
FIGURE 11. EFFICIENCY - 5V VIN TO 12V VOUT @ 600kHz
FIGURE 12. LOAD REGULATION - 5V VIN TO 12V VOUT
@ 600kHz
Typical Performance Curves (Continued)
0
100
300
400
500
90
85
75
IOUT (mA)
80
200
1
-0.6
-1
IOUT (mA)
0
300
400
500
100
200
-0.2
0.2
0.6
0
300
500
600
95
90
75
IOUT (mA)
80
100
85
400
200
0.8
-0.6
-1
IOUT (mA)
0
300
500
600
100
200
-0.2
0.2
0.6
400
-0.8
-0.4
1
0.4
0
300
500
600
92
90
84
IOUT (mA)
86
100
88
400
200
0.8
-0.6
-1
IOUT (mA)
0
300
500
600
100
200
-0.2
0.2
0.6
400
-0.8
-0.4
1
0.4
EL7516



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com