Electronic Components Datasheet Search
  English  ▼

X  

EL7516 Datasheet(PDF) 7 Page - International Rectifier

Part # EL7516
Description  600kHz/1.2MHz PWM Step-Up Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

EL7516 Datasheet(HTML) 7 Page - International Rectifier

Back Button EL7516 Datasheet HTML 3Page - International Rectifier EL7516 Datasheet HTML 4Page - International Rectifier EL7516 Datasheet HTML 5Page - International Rectifier EL7516 Datasheet HTML 6Page - International Rectifier EL7516 Datasheet HTML 7Page - International Rectifier EL7516 Datasheet HTML 8Page - International Rectifier EL7516 Datasheet HTML 9Page - International Rectifier EL7516 Datasheet HTML 10Page - International Rectifier EL7516 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
FN7333.3
FIGURE 19. EFFICIENCY vs IOUT
FIGURE 20. FREQUENCY (1.2MHz) vs VIN
FIGURE 21. FREQUENCY (600kHz) vs VIN
FIGURE 22. EFFICIENCY - 5V VIN TO 9V VOUT @ 600kHz
FIGURE 23. LOAD REGULATION - 5V VIN TO 9V VOUT
@ 600kHz
FIGURE 24. TRANSIENT REPONSE - 600kHz
Typical Performance Curves (Continued)
0
600
1.2K
94
76
IOUT (mA)
82
1K
200
1.2MHz
600kHz
84
800
400
92
88
78
80
90
86
2.5
4
5.5
1.29
1.2
VIN (V)
1.23
5
3
1.24
4.5
3.5
1.28
1.26
1.21
1.22
1.27
1.25
2.5
4
5.5
670
600
VIN (V)
630
5
3
640
4.5
3.5
610
620
660
650
0
400
1K
93
81
IOUT (mA)
87
800
89
600
200
83
85
91
0
400
1K
0.4
-0.4
IOUT (mA)
800
-0.2
600
200
0.2
0
VIN = 3.3V
VOUT = 12V
IOUT = 50mA TO 300mA
0.1ms/DIV
200mV/DIV
EL7516



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com