Electronic Components Datasheet Search
  English  ▼

X  

L5988D Datasheet(PDF) 6 Page - STMicroelectronics

Part # L5988D
Description  Pre-bias start up capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5988D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L5988D Datasheet HTML 2Page - STMicroelectronics L5988D Datasheet HTML 3Page - STMicroelectronics L5988D Datasheet HTML 4Page - STMicroelectronics L5988D Datasheet HTML 5Page - STMicroelectronics L5988D Datasheet HTML 6Page - STMicroelectronics L5988D Datasheet HTML 7Page - STMicroelectronics L5988D Datasheet HTML 8Page - STMicroelectronics L5988D Datasheet HTML 9Page - STMicroelectronics L5988D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
Description
L5988D
6/52
DocID15324 Rev 4
1
Description
The L5988D is a monolithic step down power switching regulator able to deliver a
continuous output current of 4 A to the load in most of the application conditions limited only
by the thermal performance. The device is able to deliver more than 5 A to the load for a
maximum time which is dependent on the thermal impedance of the system and the specific
operating conditions).
The input voltage can range from 2.9 V to 18 V. The device is capable of 100% duty cycle
operation thanks to the embedded high side PMOS switch which doesn’t need external
bootstrap capacitor to be driven.
The internal switching frequency is adjustable by external resistor and can be set
continuously from 100 kHz to 1 MHz. The L5988D can also be synchronized to an external
frequency signal driven to the SYNCH pin I/O pin.
The multifunction UOS pin allows to set-up properly the additional embedded features
depending on the value of the voltage level.
U (UVLO): two UVLO thresholds can be selected to match the 3.3 V and 5 V or 12 V
input buses
O (OVP): latched or not latched OVP protection selectable. In latched mode the
switching activity is interrupted until an UVLO or INH event happens
S (SINK): the sink capability is always disabled during soft-start time to support pre-
biased output voltage. Afterwards the sink capability can be enabled or not depending
on the voltage set on the multifunction pin.
During soft-start phase a constant current protection is active to deliver extra current
necessary to load the output capacitor. The current limit protection is achieved by sensing
the current flowing in both embedded switches to assure an effective protection even at
extreme duty cycle operations. Finished the soft-start phase the current protection feature
triggers the “HICCUP” mode forcing the soft-start capacitor to be discharged and recharged.
The current thresholds of both switches can be adjusted in tracking by using an external
resistor to dimension the current protection accordingly to the local application.
The soft-start time is based on a constant current charge of an external capacitor. As a
consequence the time can be set accordingly to the value of the output capacitor.
The latest smart power technology BCD6 (Bipolar-CMOS-DMOS version 6) features a low
resistance of the embedded switches (35 m
 typical for a NMOS, 50 m typical for a
PMOS), achieving high efficiency levels.
The HTSSOP16 package with exposed pad accomplishes low RthJA (40 °C/W), useful in
dissipating power internally generated during high output current / high frequency
operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com