Electronic Components Datasheet Search
  English  ▼

X  

L5988D Datasheet(PDF) 10 Page - STMicroelectronics

Part # L5988D
Description  Pre-bias start up capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5988D Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L5988D Datasheet HTML 6Page - STMicroelectronics L5988D Datasheet HTML 7Page - STMicroelectronics L5988D Datasheet HTML 8Page - STMicroelectronics L5988D Datasheet HTML 9Page - STMicroelectronics L5988D Datasheet HTML 10Page - STMicroelectronics L5988D Datasheet HTML 11Page - STMicroelectronics L5988D Datasheet HTML 12Page - STMicroelectronics L5988D Datasheet HTML 13Page - STMicroelectronics L5988D Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
Electrical characteristics
L5988D
10/52
DocID15324 Rev 4
IO SOURCE Source output current
VFB = 0.2 V
(2)
25
mA
IO SRCE LIM Source current limitation
VFB = 0.2 V, VCOMP = 3 V
2
mA
IO SINK
Sink output current
VFB = 1.0 V, VCOMP = 0.5 V
30
mA
AV0
DC open loop gain
(2)
100
dB
Sync function
High input voltage
2.9
4.0
V
Low input voltage
0.74
V
Slave sink current
VSYNC = 3.3 V; FSW = float
1
mA
Master output amplitude
ISOURCE = 5 mA
2.9
V
Output pulse width
SYNCH = floating
100
ns
Input pulse width
70
ns
Reference section
VREF
Reference voltage
Vcc = 2.9 V to 18 V
1.756
1.8
1.837
V
(1)
1.754
1.8
1.852
V
Line regulation
Vcc = 2.9 V to 18 V
IREF = 0 mA
612
mV
Load regulation
IREF = 0 to 5 mA
7.5
15
mV
Short circuit current
12
18
24
mA
Protections
VFB_OVP
Overvoltage trip
(VFB_OVP - VFB) / VFB
VFB rising
15
20
24
%
VFB
Bus thresholds
TH1
– UVLO 3.3 V bus
– OVP not latched
– No sink
(3)
00.2
V
TH2
– UVLO 3.3 V bus
– OVP not latched
–Sink
(3)
0.26
0.425
V
TH3
– UVLO 3.3 V bus
– OVP latched
– No sink
(3)
0.48
0.65
V
TH4
– UVLO 3.3 V bus
– OVP latched
–Sink
(3)
0.71
0.875
V
TH5
– UVLO 12 V bus
– OVP not latched
– No sink
(3)
0.93
1.085
V
Table 5. Electrical characteristic (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com