Electronic Components Datasheet Search
  English  ▼

X  

L5988D Datasheet(PDF) 1 Page - STMicroelectronics

Part # L5988D
Description  Pre-bias start up capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5988D Datasheet(HTML) 1 Page - STMicroelectronics

  L5988D Datasheet HTML 1Page - STMicroelectronics L5988D Datasheet HTML 2Page - STMicroelectronics L5988D Datasheet HTML 3Page - STMicroelectronics L5988D Datasheet HTML 4Page - STMicroelectronics L5988D Datasheet HTML 5Page - STMicroelectronics L5988D Datasheet HTML 6Page - STMicroelectronics L5988D Datasheet HTML 7Page - STMicroelectronics L5988D Datasheet HTML 8Page - STMicroelectronics L5988D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
This is information on a product in full production.
April 2015
DocID15324 Rev 4
1/52
L5988D
4 A continuous (more than 5 A pulsed) step-down switching
regulator with synchronous rectification
Datasheet
- production data
Features
 4 A output current (more than 5 pulsed)
 Operating input voltage from 2.9 V to 18 V
 External 1.8 V ± 2% reference voltage
 Output voltage from 0.6 to input voltage
 MLCC compatible
 200 ns TON
 Programmable UVLO matches 3.3 V, 5 V and
12 V bus
 FSW programmable up to 1 MHz
 Voltage feed forward
 Zero load current operation
 Programmable current limit on both switches
 Programmable sink current capability
 Pre-bias start up capability
 Thermal shutdown
Applications
 Consumer: STB, DVD, LCD TV, VCR, car
radio, LCD monitors
 Networking: XDSL, modems, routers and
switches
 Computer and peripherals: printers, audio /
graphic cards, optical storage, hard disk drive
 Industrial: DC-DC modules, factory automation
 HC LED driving
HTSSOP16
Figure 1. Test application circuit
www.st.com


Similar Part No. - L5988D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5988 STMICROELECTRONICS-L5988 Datasheet
114Kb / 10P
4A step-down switching regulator with synchronous rectification
08-Aug-2006
More results

Similar Description - L5988D

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1540 MICROSEMI-SG1540 Datasheet
78Kb / 6P
OFF-LINE START-UP CONTROLLER
logo
Semtech Corporation
SC4911 SEMTECH-SC4911 Datasheet
217Kb / 14P
Bias/Primary Side PWM Controller with Ultra Low Start-up Current
logo
Texas Instruments
LM5020MMX1-NOPB TI-LM5020MMX1-NOPB Datasheet
892Kb / 17P
Internal Start-up Bias Regulator, Error Amplifier
logo
Lowpower Semiconductor ...
LP6205S POWER-LP6205S Datasheet
364Kb / 5P
1.3V Start-up Input Voltage
logo
International Rectifier
IRS25751LPBF IRF-IRS25751LPBF_15 Datasheet
610Kb / 13P
High-Voltage Start-Up IC
logo
Silicon Laboratories
SI86XX SILABS-SI86XX Datasheet
1Mb / 52P
No start-up initialization required
logo
Intersil Corporation
ISL6263D INTERSIL-ISL6263D Datasheet
396Kb / 17P
Pre-biased Output Start-Up Capability
logo
Delta Electronics, Inc.
DNL DELTA-DNL Datasheet
936Kb / 15P
Pre-bias startup
DNT12SIP05 DELTA-DNT12SIP05 Datasheet
716Kb / 13P
Pre-bias startup
logo
Infineon Technologies A...
IRS25751LPBF INFINEON-IRS25751LPBF Datasheet
610Kb / 13P
High-Voltage Start-Up IC
January 15, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com