Electronic Components Datasheet Search
  English  ▼

X  

L5988D Datasheet(PDF) 38 Page - STMicroelectronics

Part # L5988D
Description  Pre-bias start up capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5988D Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L5988D Datasheet HTML 34Page - STMicroelectronics L5988D Datasheet HTML 35Page - STMicroelectronics L5988D Datasheet HTML 36Page - STMicroelectronics L5988D Datasheet HTML 37Page - STMicroelectronics L5988D Datasheet HTML 38Page - STMicroelectronics L5988D Datasheet HTML 39Page - STMicroelectronics L5988D Datasheet HTML 40Page - STMicroelectronics L5988D Datasheet HTML 41Page - STMicroelectronics L5988D Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
Application information
L5988D
38/52
DocID15324 Rev 4
Figure 20. Switching losses
c)
Quiescent current losses, calculated as:
Equation 45
where IQ is the quiescent current.
The junction temperature TJ can be calculated as:
Equation 46
Where TA is the ambient temperature and PTOT is the sum of the power losses just seen.
RthJA is the equivalent static thermal resistance junction to ambient of the device; it can be
calculated as the parallel of many paths of heat conduction from the junction to the ambient.
For this device the path through the exposed pad is the one conducting the largest amount
of heat. The static RthJA measured on the application is about 40 °/W.
The thermal impedance of the system, considered as the device in HTSSOP16 package
soldered on the application board, takes on an important rule when the maximum output
power is limited by the static thermal performance and not by the electrical performance of
the device. Therefore the embedded power elements could manage an higher current but
the system is already taking away the maximum power generated by the internal losses.
In case the output power increases the thermal shutdown will be triggered because the
junction temperature triggers the designed thermal shutdown threshold.
The RTH is a static parameter of the package: it sets the maximum power loss which can be
generated from the system given the operation conditions.
PQ
VIN IQ
=
TJ
TA RthJA PTOT
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com