Electronic Components Datasheet Search
  English  ▼

X  

L5988D Datasheet(PDF) 36 Page - STMicroelectronics

Part # L5988D
Description  Pre-bias start up capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5988D Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L5988D Datasheet HTML 32Page - STMicroelectronics L5988D Datasheet HTML 33Page - STMicroelectronics L5988D Datasheet HTML 34Page - STMicroelectronics L5988D Datasheet HTML 35Page - STMicroelectronics L5988D Datasheet HTML 36Page - STMicroelectronics L5988D Datasheet HTML 37Page - STMicroelectronics L5988D Datasheet HTML 38Page - STMicroelectronics L5988D Datasheet HTML 39Page - STMicroelectronics L5988D Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
Application information
L5988D
36/52
DocID15324 Rev 4
Some measurements of the output regulation during load transient for the examples
provided in Section 6.8 on page 43 are provided at the end of this document.
6.5
R.M.S. current of the embedded power MOSFETs
The L5988D integrates both the power elements (high side and low side) and so the power
dissipation is often the bottleneck for the output current capability (refer to Section 6.6 for
the estimation of the operating temperature).
Nevertheless, as mentioned in Section 1: Description on page 6 the device can manage
a continuous output current of 4 A in most of the application conditions.
However the rated continuous current is 5 A and the rated RMS current of the power
elements is 4.5 A, where:
Equation 40
Equation 41
and the duty cycle D:
Equation 42
Fixing the limit of 4.5 A for IRMS HS and IRMS LS the maximum output current can be derived,
as illustrated in Figure 19.
IRMS HS
ILOAD
D
=
IRMS LS
ILOAD
1D
–
=
D
VOUT
RDS ON LS DCR
+
 I
LOAD
+
VIN
RDS ON LS RDS ON HS
–
 I
LOAD
+
----------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com