Electronic Components Datasheet Search
  English  ▼

X  

EZ-USB Datasheet(PDF) 45 Page - Cypress Semiconductor

Part # EZ-USB
Description  The EZ-USB USB Integrated Circuit
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

EZ-USB Datasheet(HTML) 45 Page - Cypress Semiconductor

Back Button EZ-USB Datasheet HTML 41Page - Cypress Semiconductor EZ-USB Datasheet HTML 42Page - Cypress Semiconductor EZ-USB Datasheet HTML 43Page - Cypress Semiconductor EZ-USB Datasheet HTML 44Page - Cypress Semiconductor EZ-USB Datasheet HTML 45Page - Cypress Semiconductor EZ-USB Datasheet HTML 46Page - Cypress Semiconductor EZ-USB Datasheet HTML 47Page - Cypress Semiconductor EZ-USB Datasheet HTML 48Page - Cypress Semiconductor EZ-USB Datasheet HTML 49Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 334 page
background image
Page 1-28
Chapter 1. Introducing EZ-USB
EZ-USB TRM v1.9
40
20
20
22
22
PC6 or WR#
I/O
I
(PC6)
Multiplexed pin whose function is selected by the
WR bit of the PORTCCFG register. If WR=0, the pin
is the bi-directional I/O port bit PC6. If WR=1, the
pin is the active-low write signal for external mem-
ory. If the WR# signal is used, it should be externally
pulled up to Vcc to ensure that the write strobe is
inactive at power-on.
41
21
21
23
23
PC7 or RD#
I/O
I
(PC7)
Multiplexed pin whose function is selected by the RD
bit of the PORTCCFG register. If RD#=0, the pin is
the bi-directional I/O port bit PC7. If RD#=1, the pin
is the active-low read signal for external memory. If
the RD# signal is used, it should be externally pulled
up to Vcc to ensure that the read strobe is inactive at
power-on.
4
2
2
2
2
CLK24
Output
24-MHz clock, phase locked to the 12-MHz input
clock. It operates at 12 MHz in 12-MHz mode (48-pin
package). Output is disabled by setting the
OUTCLKEN bit = 0 in the CPUCS register.
66
37
37
40
40
WAKEUP#
Input
N/A
USB Wakeup. If the 8051 is in suspend, a high to
low edge on this pin starts up the oscillator and inter-
rupts the 8051 to allow it to exit the suspend mode.
Holding WAKEUP# LOW inhibits the EZ-USB chip
from entering the suspend state.
65
36
36
39
39
SCL
OD
Z
I2CClock. Pull up to Vcc with a 2.2K-ohm resistor,
even if no I2C device is connected.
64
35
35
38
38
SDA
OD
Z
I2C Data. Connect to Vcc with a 2.2K-ohm resistor
even if no I2C device is connected.
2, 22,
42, 62
11, 22,
33, 44
11, 22,
33, 44
12, 24,
36, 48
12, 24,
36, 48
Vcc
N/A
Vcc. 3.3V power source.
3, 5, 6,
13, 14,
17, 23,
43, 56,
63, 72,
78
1, 3, 4,
5, 6,
12, 23,
34, 38
1, 3, 4,
5, 6,
12, 23,
34, 38
1, 3, 4,
5, 6,
13, 25,
37, 41
1, 3, 4,
5, 6,
13, 25,
37, 41
GND
N/A
Ground. Note: On the 80-pin package, pins 5, 6, 13,
14, and 72 are test pins that must be grounded for
normal operation. Driving pin 72 high floats all func-
tional pins for automated board test.
The corresponding pins on the 44-pin package are
pins 3, 4, 5, 6, and 38. Driving pin 38 high floats all
functional pins for automated board test.
The corresponding pins on the 48-pin package are
pins 3, 4, 5, 6, and 41. Driving pin 41 high floats all
functional pins for automated board testing.
N/A
N/A
N/A
15
15
CPU12MHZ
N/A
This input controls the speed of the 8051:
-Tied High - 12 MHz
- Tied Low - 24 MHz
67
N/A
N/A
N/A
N/A
NC
N/A
This pin must be left unconnected.
Table 1-3. EZ-USB Series 2100 Pinouts by Pin Function
2131Q
2121S
2122S
2131S
2125S
2126S
2135S
2136S
2122T 2126T
Name
Type
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com