Electronic Components Datasheet Search
  English  ▼

X  

EZ-USB Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # EZ-USB
Description  The EZ-USB USB Integrated Circuit
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

EZ-USB Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button EZ-USB Datasheet HTML 18Page - Cypress Semiconductor EZ-USB Datasheet HTML 19Page - Cypress Semiconductor EZ-USB Datasheet HTML 20Page - Cypress Semiconductor EZ-USB Datasheet HTML 21Page - Cypress Semiconductor EZ-USB Datasheet HTML 22Page - Cypress Semiconductor EZ-USB Datasheet HTML 23Page - Cypress Semiconductor EZ-USB Datasheet HTML 24Page - Cypress Semiconductor EZ-USB Datasheet HTML 25Page - Cypress Semiconductor EZ-USB Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 334 page
background image
EZ-USB TRM v1.9
Chapter 1. Introducing EZ-USB
Page 1-5
PID that arrives with the data, either DATA0 or DATA1. When sending data, the host or
device sends alternating DATA0-DATA1 PIDs. By comparing the Data PID with the state
of the internal toggle bit, the host or device can detect a corrupted handshake packet.
SETUP tokens are unique to CONTROL transfers. They preface eight bytes of data from
which the peripheral decodes host Device Requests.
SOF tokens occur once per millisecond, denoting a USB frame.
There are three handshake PIDs: ACK, NAK, and STALL.
•
ACK means “success;” the data was received error-free.
•
NAK means “busy, try again.” It’s tempting to assume that NAK means “error,”
but it doesn’t. A USB device indicates an error by not responding.
•
STALL means that something unforeseen went wrong (probably as a result of mis-
communication or lack of cooperation between the software and firmware writers).
A device sends the STALL handshake to indicate that it doesn’t understand a
device request, that something went wrong on the peripheral end, or that the host
tried to access a resource that isn’t there. It’s like “halt,” but better, because USB
provides a way to recover from a stall.
A PRE (Preamble) PID precedes a low-speed (1.5 Mbps) USB transmission. The EZ-
USB family supports high-speed (12 Mbps) USB transfers only, so it ignores PRE packets
and the subsequent low-speed transfer.
This is a fundamental USB concept. There is exactly one master in a USB system: the
host computer. USB devices respond to host requests. USB devices cannot send informa-
tion between themselves, as they could if USB were a peer-to-peer topology.
Actually, there is one case where a USB device can initiate signaling without prompting
from the host. After being put into a low-power suspend mode by the host, a device can
signal a remote wakeup. But that’s the only way to “yank the host’s chain.” Everything
else happens because the host makes device requests and the device responds to them.
There’s an excellent reason for this host-centric model. The USB architects were keenly
mindful of cost, and the best way to make low-cost peripherals is to put most of the smarts
1.5
Host is Master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com