Electronic Components Datasheet Search
  English  ▼

X  

EZ-USB Datasheet(PDF) 83 Page - Cypress Semiconductor

Part # EZ-USB
Description  The EZ-USB USB Integrated Circuit
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

EZ-USB Datasheet(HTML) 83 Page - Cypress Semiconductor

Back Button EZ-USB Datasheet HTML 79Page - Cypress Semiconductor EZ-USB Datasheet HTML 80Page - Cypress Semiconductor EZ-USB Datasheet HTML 81Page - Cypress Semiconductor EZ-USB Datasheet HTML 82Page - Cypress Semiconductor EZ-USB Datasheet HTML 83Page - Cypress Semiconductor EZ-USB Datasheet HTML 84Page - Cypress Semiconductor EZ-USB Datasheet HTML 85Page - Cypress Semiconductor EZ-USB Datasheet HTML 86Page - Cypress Semiconductor EZ-USB Datasheet HTML 87Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 334 page
background image
Page 5-8
Chapter 5. EZ-USB CPU
EZ-USB TRM v1.9
In the simplest case, no serial EEPROM is present on the I2C bus, or an EEPROM is
present but its first byte is not 0xB0 or 0xB2. In this case, descriptor data is supplied by a
table internal to the EZ-USB core. The EZ-USB chip comes on as the USB Default
Device, with the ID bytes shown in Table 5-6.
The USB host queries the device during enumeration, reads the device descriptor, and uses
the Table 5-6 bytes to determine which software driver to load into the operating system.
This is a major USB feature—drivers are dynamically matched with devices and automat-
ically loaded when a device is plugged in.
The no_EEPROM case is the simplest configuration, but also the most limiting. This
mode is used only for code development, utilizing Cypress software tools matched to the
ID values in Table 5-6.
The Other Half of the I2CStory
The EZ-USB I2C controller serves two purposes. First, as described in this chapter, it
manages the serial EEPROM interface that operates automatically at power-on to deter-
mine the enumeration method. Second, once the 8051 is up and running, the 8051 can
access the I2C controller for general-purpose use. This makes a wide range of standard
I2C peripherals available to an EZ-USB system.
Other I2C devices can be attached to the SCL and SDA lines of the I2C bus as long as
there is no address conflict with the serial EEPROM described in this chapter. Chapter 4,
"EZ-USB Input/Output" describes the general-purpose nature of the I2C interface.
5.6
No Serial EEPROM
Table 5-6. EZ-USB Device Characteristics, No Serial EEPROM
Vendor ID
0x0547 (Cypress Semiconductor)
Product ID
0x2131 (EZ-USB)
Device Release
0xXXYY (depends on revision)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com