Electronic Components Datasheet Search
  English  ▼

X  

EZ-USB Datasheet(PDF) 88 Page - Cypress Semiconductor

Part # EZ-USB
Description  The EZ-USB USB Integrated Circuit
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

EZ-USB Datasheet(HTML) 88 Page - Cypress Semiconductor

Back Button EZ-USB Datasheet HTML 84Page - Cypress Semiconductor EZ-USB Datasheet HTML 85Page - Cypress Semiconductor EZ-USB Datasheet HTML 86Page - Cypress Semiconductor EZ-USB Datasheet HTML 87Page - Cypress Semiconductor EZ-USB Datasheet HTML 88Page - Cypress Semiconductor EZ-USB Datasheet HTML 89Page - Cypress Semiconductor EZ-USB Datasheet HTML 90Page - Cypress Semiconductor EZ-USB Datasheet HTML 91Page - Cypress Semiconductor EZ-USB Datasheet HTML 92Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 334 page
background image
EZ-USB TRM v1.9
Chapter 5. EZ-USB CPU
Page 5-13
The 8051 can ReNumerate
™ anytime. Once use for this capability might be to fine tune
an isochronous endpoint’s bandwidth requests by trying various descriptor values and
ReNumerating.
Tables 5-9 through 5-19 show the descriptor data built into the EZ-USB core. The tables
are presented in the order that the bytes are stored.
The Device Descriptor specifies a MaxPacketSize of 64 bytes for endpoint 0, contains
Cypress Semiconductor Vendor, Product and Release Number IDs, and uses no string
indices. Release Number IDs (XX and YY) are found in individual Cypress Semiconductor
data sheets. The EZ-USB core returns this information response to a “Get_Descriptor/
Device” host request.
5.10
Multiple ReNumerations
™
5.11
Default Descriptor
Table 5-9. USB Default Device Descriptor
Offset
Field
Description
Value
0
bLength
Length of this Descriptor = 18 bytes
12H
1
bDescriptorType
Descriptor Type = Device
01H
2
bcdUSB (L)
USB Specification Version 1.00 (L)
00H
3
bcdUSB (H)
USB Specification Version 1.00 (H)
01H
4
bDeviceClass
Device Class (FF is Vendor-Specific)
FFH
5
bDeviceSubClass
Device Sub-Class (FF is Vendor-Specific)
FFH
6
bDeviceProtocol
Device Protocol (FF is Vendor-Specific)
FFH
7
bMaxPacketSize0
Maximum Packet Size for EP0 = 64 bytes
40H
8
idVendor (L)
Vendor ID (L)
Cypress Semiconductor = 0547H
47H
9
idVendor (H)
Vendor ID (H)
05H
10
idProduct (L)
Product ID (L)
EZ-USB = 2131H
31H
11
idProduct (H)
Product ID (H)
21H
12
bcdDevice (L)
Device Release Number (BCD,L) (see individual data sheet)
21H
13
bcdDevice (H)
Device Release Number (BCD,H) (see individual data sheet)
YYH
14
iManufacturer
Manufacturer Index String = None
00H
15
iProduct
Product Index String = None
00H
16
iSerialNumber
Serial Number Index String = None
00H
17
bNumConfigurations
Number of Configurations in this Interface = 1
01H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com