Electronic Components Datasheet Search
  English  ▼

X  

SIP21110 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SIP21110
Description  250-mA Adjustable, Low Dropout Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP21110 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SIP21110 Datasheet HTML 4Page - Vishay Siliconix SIP21110 Datasheet HTML 5Page - Vishay Siliconix SIP21110 Datasheet HTML 6Page - Vishay Siliconix SIP21110 Datasheet HTML 7Page - Vishay Siliconix SIP21110 Datasheet HTML 8Page - Vishay Siliconix SIP21110 Datasheet HTML 9Page - Vishay Siliconix SIP21110 Datasheet HTML 10Page - Vishay Siliconix SIP21110 Datasheet HTML 11Page - Vishay Siliconix SIP21110 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SiP21110
Vishay Siliconix
Document Number: 69921
S09-1046-Rev. C, 08-Jun-09
www.vishay.com
9
TYPICAL OPERATING WAVEFORMS
100 µs/div
VOUT = 1.2 V, IOUT = 250 mA, VIN = 2.2 V to 2.7 V
Line Transient Response
500 µs/div
VOUT = 3.3 V, IOUT = 250 mA, VIN = 4.3 V to 4.8 V
Line Transient Response
VOUT (10 mV/div)
VIN (500 mV/div)
VIN (1 V/div)
VOUT (10 mV/div)
500 µs/div
VOUT = 4.5 V, IOUT = 250 mA, VIN = 5.5 V to 6 V
Line Transient Response
500 µs/div
VOUT = 1.2 V, IOUT = 250 mA, VIN = 2.2 V to 3.2 V
Line Transient Response
VIN (1 V/div)
VOUT (10 mV/div)
VOUT (10 mV/div)
VIN (1 V/div)
500 µs/div
VOUT = 3.3 V, IOUT = 250 mA, VIN = 4.3 V to 5.3 V
Line Transient Response
VIN (1 V/div)
VOUT (10 mV/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com