Electronic Components Datasheet Search
  English  ▼

X  

SIP21110 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP21110
Description  250-mA Adjustable, Low Dropout Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP21110 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP21110 Datasheet HTML 1Page - Vishay Siliconix SIP21110 Datasheet HTML 2Page - Vishay Siliconix SIP21110 Datasheet HTML 3Page - Vishay Siliconix SIP21110 Datasheet HTML 4Page - Vishay Siliconix SIP21110 Datasheet HTML 5Page - Vishay Siliconix SIP21110 Datasheet HTML 6Page - Vishay Siliconix SIP21110 Datasheet HTML 7Page - Vishay Siliconix SIP21110 Datasheet HTML 8Page - Vishay Siliconix SIP21110 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.vishay.com
2
Document Number: 69921
S09-1046-Rev. C, 08-Jun-09
Vishay Siliconix
SiP21110
Notes:
a. Derate 5.5 mW/°C above TA = 70 °C.
b. Device mounted with all leads soldered or welded to multilayer 1S2P PC board.
c. Soldering for 5 s.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating/conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
Parameter
Limit
Unit
Input Voltage, VIN to GND
- 0.3 to 6.5
V
VEN (See Detailed Description)
- 0.3 to 6.5
Output Current (IOUT)
Short Circuit Protected
Output Voltage (VOUT)
- 0.3 to VIN + 0.3
V
Package Power Dissipation (PD)
a
305
mW
Package Thermal Resistance (
θ
JA)
b
180
°C/W
Maximum Junction Temperature, TJ(max)
125
°C
Storage Temperature, TSTG
- 65 to 150
Lead Temperature, TL
c
260
RECOMMENDED OPERATING RANGE
Parameter
Limit
Unit
Input Voltage, VIN
2.2 to 6
V
Operating Ambient Temperature TA
- 40 to 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com