Electronic Components Datasheet Search
  English  ▼

X  

SIP21110 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIP21110
Description  250-mA Adjustable, Low Dropout Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP21110 Datasheet(HTML) 3 Page - Vishay Siliconix

  SIP21110 Datasheet HTML 1Page - Vishay Siliconix SIP21110 Datasheet HTML 2Page - Vishay Siliconix SIP21110 Datasheet HTML 3Page - Vishay Siliconix SIP21110 Datasheet HTML 4Page - Vishay Siliconix SIP21110 Datasheet HTML 5Page - Vishay Siliconix SIP21110 Datasheet HTML 6Page - Vishay Siliconix SIP21110 Datasheet HTML 7Page - Vishay Siliconix SIP21110 Datasheet HTML 8Page - Vishay Siliconix SIP21110 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Document Number: 69921
S09-1046-Rev. C, 08-Jun-09
www.vishay.com
3
Vishay Siliconix
SiP21110
Notes:
a. Room = 25 °C, Full = - 40 °C to 85 °C. Derate 5.5 mW/°C for SiP21110 above TA = 70 °C.
b. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d. Dropout voltage is defined as the input-to-output differential voltage at which the output voltage drops 2 % below its nominal value with
constant load. For outputs = 2.2 V, dropout voltage is not applicable due to 2.2 V minimum input voltage requirement.
e. Ground current is specified for normal operation as well as “drop-out” operation.
f. The LDO output range is confined to 2.5 V minimum and 5.0 V maximum as a result of min VIN is 2.2 V. For linear regulator outputs where the
output voltages is less than 2.5 V the dropout voltage does not apply.
SPECIFICATIONS
Parameter
Symbol
Test Conditions Unless Specified
VIN = VOUT(nom) + 1 V = VEN
VOUT = 2.8 V, CIN = 1 µF, COUT = 1 µF
- 40 °C < TA < 85 °C for Full Temp.
Temp.a
Unit
Min.b
Typ.c
Max.b
Input Voltage Range
VIN
Full
2.2
6
V
Feedback Voltage
VAdj
Room
1.188
1.2
1.212
Full
1.170
1.23
Output Voltage Rangef
VOUTR
Full
1.3
5
Output Voltage Accuracy
VOUT
VOUT = 2.8 V, IL = 1 mA
Room
- 1
1
%
Full
- 2.5
2.5
Line Regulation
LNR
VIN range 3.8 V to 6 V, IL = 1 mA
Room
0.025
0.2
%/V
Load Regulation
LDR
VIN 3.8 V, IL step 1 mA to 250 mA
Room
0.001
%/mA
Dropout Voltaged
VDO
IL = 250 mA
Room
180
225
300
mV
Full
390
Ground Currente
IGND
VIN 3.8 V, IL = 1 mA
Room
35
75
µA
Full
85
VIN 3.8 V, IL = 250 mA
Room
39
75
Full
85
Shutdown Current
IVINLKG
Full
0.035
1
Output Current Limit
IO-Limit
VO = 0 V
Room
275
500
800
mA
EN Input Current
IEN
EN = VIN = 6 V
Full
0.004
1
µA
EN Pin Input Voltage
VENH
minimum VEN output on
Full
1.2
V
VENL
maximum VEN output off
Full
0.4
Auto Discharge Resistance
RDIS
VOUT = 2 V
Room
100
Ω
Thermal Shutdown Junction Temperature
TJSD
minimum VEN output on
Full
160
°C
Thermal Hysteresis
THYST
maximum VEN output off
Full
20
Output Noise Voltage (RMS)
eN
BW = 10 Hz to 100 kHz,
1 mA < IOUT < 250 mA
Room
350
µV
Ripple Rejection
PSRR
f = 1 kHz, IOUT = 10 mA
72
dB
f = 10 kHz, IOUT = 10 mA
53
f = 100 kHz, IOUT = 10 mA
38
Output Voltage Turn-On Time
ton
EN to VOUT delay; IOUT = 1 mA
Room
70
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com