Electronic Components Datasheet Search
  English  ▼

X  

SIP21110 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIP21110
Description  250-mA Adjustable, Low Dropout Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP21110 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIP21110 Datasheet HTML 1Page - Vishay Siliconix SIP21110 Datasheet HTML 2Page - Vishay Siliconix SIP21110 Datasheet HTML 3Page - Vishay Siliconix SIP21110 Datasheet HTML 4Page - Vishay Siliconix SIP21110 Datasheet HTML 5Page - Vishay Siliconix SIP21110 Datasheet HTML 6Page - Vishay Siliconix SIP21110 Datasheet HTML 7Page - Vishay Siliconix SIP21110 Datasheet HTML 8Page - Vishay Siliconix SIP21110 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.vishay.com
4
Document Number: 69921
S09-1046-Rev. C, 08-Jun-09
Vishay Siliconix
SiP21110
TIMING WAVEFORMS
PIN CONFIGURATION
Figure 1.
VEN
0.95 VNOM
VOUT
VNOM
tON
0 V
VIN
tr
1 µs
Figure 2.
PIN DESCRIPTION
Pin Number
Name
Function
3
EN
By applying less than 0.4 V to this pin, the device will be turned off. Connect this pin to VIN if unused.
Do not leave floating.
2
GND
Ground pin. For better thermal capability, directly connected to large ground plane.
1
VIN
Input supply pin. Bypass this pin with a 1 µF ceramic or tantalum capacitor to ground.
5
VOUT
Output voltage. Connect COUT between this pin and ground.
4
Adj
Adjust input pin. Connect feedback resistors to program the output voltage for trim value of 1.2 V.
EN
GND
V
V
Adj
IN
OUT
1
2
3
4
5
1
2
3
4
5
TOP VIEW
EN
GND
VIN
V
Adj
OUT
BOTTOM VIEW
TSOT23-5L Package
ORDERING INFORMATION
Part Number
Marking
Temperature Range
Package
SiP21110DT-T1-E3
AC
- 40 °C to 85 °C
TSOT23-5L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com