Electronic Components Datasheet Search
  English  ▼

X  

SIP21110 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP21110
Description  250-mA Adjustable, Low Dropout Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP21110 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP21110 Datasheet HTML 1Page - Vishay Siliconix SIP21110 Datasheet HTML 2Page - Vishay Siliconix SIP21110 Datasheet HTML 3Page - Vishay Siliconix SIP21110 Datasheet HTML 4Page - Vishay Siliconix SIP21110 Datasheet HTML 5Page - Vishay Siliconix SIP21110 Datasheet HTML 6Page - Vishay Siliconix SIP21110 Datasheet HTML 7Page - Vishay Siliconix SIP21110 Datasheet HTML 8Page - Vishay Siliconix SIP21110 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Vishay Siliconix
SiP21110
Document Number: 69921
S09-1046-Rev. C, 08-Jun-09
www.vishay.com
1
250-mA Adjustable, Low Dropout Regulator
DESCRIPTION
The SiP21110 BiCMOS 250 mA LDO voltage regulators are
the perfect choice for low battery operated low powered
applications. An ultra low ground current and low dropout
voltage of 225 mV at 250 mA load helps to extend battery life
for portable electronics.
The SiP21110 output is adjusted with an external resistor
network.
The regulator allows stable operation with very small ceramic
output capacitors, reducing board space and component
cost. It is designed to maintain regulation while delivering
330 mA typical peak current upon turn-on. During start-up,
an active pull-down circuit improves the output transient
response and regulation. In shutdown mode, the output
automatically discharges to ground through a 100
Ω NMOS.
The SiP21110 are available in TSOT23-5L packages for
operation over the industrial operation range (- 40 °C to
+ 85 °C).
FEATURES
•
TSOT23-5L (3.05 mm x 2.85 mm x 1.0 mm)
•
1.0 % output voltage accuracy at 25 °C
•
Low dropout voltage: 225 mV at 250 mA
•
35 µA (typical) ground current in 1 mA load
•
1 µA maximum shutdown current at 85 °C
•
Output auto discharge in shutdown mode
•
Built-in short circuit (500 mA typical) and thermal
protection (160 °C typical)
•
- 40 °C to + 125 °C junction temperature range for
operation
•
Uses low ESR ceramic capacitors
•
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
•
Cellular phones, wireless handsets
•PDAs
•
MP3 players
•
Digital cameras
•
Pagers
•
Wireless modem
• Noise-sensitive electronic systems
TYPICAL APPLICATION CIRCUIT
A
dj
EN
GND
VIN
VOUT
4
5
2
3
1
COUT = 1µF
VOUT
CIN = 1 µF
VIN
EN
SiP21110
TSOT23-5L Package
RoHS
COMPLIANT


Similar Part No. - SIP21110

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106 Datasheet
358Kb / 13P
150-mA Low Noise, Low Dropout Regulator
22-Jan-07
SIP21106 VISHAY-SIP21106 Datasheet
570Kb / 19P
150-mA Low Noise, Low Dropout Regulator
08-Jun-09
SIP21106 VISHAY-SIP21106 Datasheet
679Kb / 19P
150-mA Low Noise, Low Dropout Regulator
08-Jun-09
SIP21106DR-12-E3 VISHAY-SIP21106DR-12-E3 Datasheet
570Kb / 19P
150-mA Low Noise, Low Dropout Regulator
08-Jun-09
SIP21106DR-12-E3 VISHAY-SIP21106DR-12-E3 Datasheet
679Kb / 19P
150-mA Low Noise, Low Dropout Regulator
08-Jun-09
More results

Similar Description - SIP21110

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1205 UNISEM-US1205 Datasheet
26Kb / 3P
300 mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504 Datasheet
71Kb / 10P
250 mA Dual Output Low Dropout Linear Regulator
October, 2005 ??Rev. 1
logo
Unisonic Technologies
M2950 UTC-M2950 Datasheet
148Kb / 7P
250 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA58L05F TOSHIBA-TA58L05F Datasheet
221Kb / 12P
250 mA Low Dropout Voltage Regulator
TA58L05S TOSHIBA-TA58L05S Datasheet
230Kb / 12P
250 mA Low Dropout Voltage Regulator
logo
ON Semiconductor
MC33269DG ONSEMI-MC33269DG Datasheet
287Kb / 12P
800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269D-33G ONSEMI-MC33269D-33G Datasheet
268Kb / 12P
800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269DR2-50G ONSEMI-MC33269DR2-50G Datasheet
268Kb / 12P
800 mA, Adjustable Output,Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
logo
Texas Instruments
TPS732 TI1-TPS732 Datasheet
1Mb / 39P
250-mA Low-Dropout Regulator
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504_13 Datasheet
145Kb / 10P
250 mA Dual Output Low Dropout Linear Regulator
April, 2013 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com