Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 27Page - National Semiconductor (TI) SC2200 Datasheet HTML 28Page - National Semiconductor (TI) SC2200 Datasheet HTML 29Page - National Semiconductor (TI) SC2200 Datasheet HTML 30Page - National Semiconductor (TI) SC2200 Datasheet HTML 31Page - National Semiconductor (TI) SC2200 Datasheet HTML 32Page - National Semiconductor (TI) SC2200 Datasheet HTML 33Page - National Semiconductor (TI) SC2200 Datasheet HTML 34Page - National Semiconductor (TI) SC2200 Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 433 page
background image
Revision 3.0
31
www.national.com
Signal Definitions (Continued)
AL174
MD57
I/O
INT,
TS2/5
VIO
---
AL184
MD60
I/O
INT,
TS2/5
VIO
---
AL194
MD63
I/O
INT,
TS2/5
VIO
---
AL20
SDCLK2
O
O2/5
VIO
---
AL214
MD24
I/O
INT,
TS2/5
VIO
---
AL224
MD27
I/O
INT,
TS2/5
VIO
---
AL234
MD31
I/O
INT,
TS2/5
VIO
---
AL244
MD52
I/O
INT,
TS2/5
VIO
---
AL254
MD49
I/O
INT,
TS2/5
VIO
---
AL26
DQM2
O
O2/5
VIO
---
AL274
MD20
I/O
INT,
TS2/5
VIO
---
Ball
No.
Signal Name
I/O
(PU/PD)
Buffer1
Type
Power
Rail
Configuration
AL284
MD17
I/O
INT,
TS2/5
VIO
---
AL294
MD16
I/O
INT,
TS2/5
VIO
---
AL30
VIO
PWR
---
---
---
AL31
VSS
GND
---
---
---
1.
For Buffer Type definitions, refer to Table 8-9 "Buffer Types" on page
364.
2.
May need 5V tolerant protection at system level (DDC_SCL,
DDC_SDA).
3.
The TFT_PRSNT strap determines the power-on reset (POR) state of
PMR[23].
4.
Is back-drive protected (MD[63:0], DPOS_PORT1, DNEG_PORT1,
DPOS_PORT2, DNEG_PORT2, DPOS_PORT3, DNEG_PORT3,
ACK#, AFD#/DSTRB#, BUSY/WAIT#, ERR#, INIT#, PD[7:0], PE,
SLCT, SLIN#/ASTRB#, STB#/WRITE#, ONCTL#, PWRCNT[2:1]).
5.
Is 5V tolerant (ACK#, AFD#/DSTRB#, BUSY/WAIT#, ERR#, INIT#,
PD[7:0], PE, SLCT, SLIN#/ASTRB#, STB#/WRITE#, ONCTL#,
PWRCNT[2:1]).
6.
The LPC_ROM strap determines the power-on reset (POR) state of
PMR[14] and PMR[22].
Ball
No.
Signal Name
I/O
(PU/PD)
Buffer1
Type
Power
Rail
Configuration
Table 2-2.
432-EBGA Ball Assignment - Sorted by Ball Number (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com