Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 11Page - National Semiconductor (TI) SC2200 Datasheet HTML 12Page - National Semiconductor (TI) SC2200 Datasheet HTML 13Page - National Semiconductor (TI) SC2200 Datasheet HTML 14Page - National Semiconductor (TI) SC2200 Datasheet HTML 15Page - National Semiconductor (TI) SC2200 Datasheet HTML 16Page - National Semiconductor (TI) SC2200 Datasheet HTML 17Page - National Semiconductor (TI) SC2200 Datasheet HTML 18Page - National Semiconductor (TI) SC2200 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 433 page
background image
Revision 3.0
15
www.national.com
Architecture Overview (Continued)
GX_BASE+8414h-8417h
MC_GBASE_ADD (R/W)
Reset Value: 00000000h
31:18
RSVD (Reserved). Write as 0.
17
TE (Test Enable TEST[3:0]).
0: TEST[3:0] are driven low (normal operation).
1: TEST[3:0] pins are used to output test information
16
TECTL (Test Enable Shared Control Pins).
0: RASB#, CASB#, CKEB, WEB# (normal operation).
1: RASB#, CASB#, CKEB, WEB# are used to output test information
15:12
SEL (Select). This field is used for debug purposes only and should be left at zero for normal operation.
11
RSVD (Reserved). Write as 0.
10:0
GBADD (Graphics Base Address). This field indicates the graphics memory base address, which is programmable on 512
KB boundaries. This field corresponds to address bits [29:19].
Note that BC_DRAM_TOP must be set to a value lower than the Graphics Base Address.
GX_BASE+8418h-841Bh
MC_DR_ADD (R/W)
Reset Value: 00000000h
31:10
RSVD (Reserved). Write as 0.
9:0
DRADD (Dirty RAM Address). This field is the address index that is used to access the Dirty RAM with the MC_DR_ACC
register. This field does not auto increment.
GX_BASE+841Ch-841Fh
MC_DR_ACC (R/W)
Reset Value: 0000000xh
31:2
RSVD (Reserved). Write as 0.
1
D (Dirty Bit). This bit is read/write accessible.
0
V (Valid Bit). This bit is read/write accessible.
Table 1-2. SC2200 Memory Controller Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com