Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 88 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 88 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 84Page - National Semiconductor (TI) SC2200 Datasheet HTML 85Page - National Semiconductor (TI) SC2200 Datasheet HTML 86Page - National Semiconductor (TI) SC2200 Datasheet HTML 87Page - National Semiconductor (TI) SC2200 Datasheet HTML 88Page - National Semiconductor (TI) SC2200 Datasheet HTML 89Page - National Semiconductor (TI) SC2200 Datasheet HTML 90Page - National Semiconductor (TI) SC2200 Datasheet HTML 91Page - National Semiconductor (TI) SC2200 Datasheet HTML 92Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 433 page
background image
www.national.com
88
Revision 3.0
General Configuration Block (Continued)
3.3
WATCHDOG
The SC2200 includes a WATCHDOG function to serve as a
fail-safe mechanism in case the system becomes hung.
When triggered, the WATCHDOG mechanism returns the
system to a known state by generating an interrupt, an
SMI, or a system reset (depending on configuration).
3.3.1
Functional Description
WATCHDOG is enabled when the WATCHDOG Timeout
(WDTO) register (Offset 00h) is set to a non-zero value.
The WATCHDOG timer starts with this value and counts
down until either the count reaches 0, or a trigger event
restarts the count (with the WDTO register value).
The WATCHDOG timer is restarted in any of the following
cases:
• The WDTO register is set with a non-zero value.
• The WATCHDOG timer reaches 0 and the WATCHDOG
Overflow bit, WDOVF (Offset 04h[0]), is 0.
The WATCHDOG function is disabled in any of the follow-
ing cases:
• System reset occurs.
• The WDTO register is set to 0.
• The WDOVF bit is already 1 when the timer reaches 0.
3.3.1.1
WATCHDOG Timer
The WATCHDOG timer is a 16-bit down counter. Its input
clock is a 32 KHz clock divided by a predefined value (see
WDPRES field, Offset 02h[3:0]). The 32 KHz input clock is
enabled when either:
• The GX1 module’s internal SUSPA# signal is 1.
or
• The GX1 module’s internal SUSPA# signal is 0 and the
WD32KPD bit (Offset 02h[8]) is 0.
The 32 KHz input clock is disabled, when:
• The GX1 module’s internal SUSPA# signal is 0 and the
WD32KPD bit is 1.
For more information about signal SUSPA#, refer to the
GX1 Processor Series Datasheet.
When the WATCHDOG timer reaches 0:
• If the WDOVF bit in the WDSTS register (Offset 04h[0])
is 0, an interrupt, an SMI or a system reset is generated,
depending on the value of the WDTYPE1 field in the
WDCNFG register (Offset 02h[5:4]).
• If the WDOVF bit in the WDSTS register is already 1
when the WATCHDOG timer reaches 0, an interrupt, an
SMI or a system reset is generated according to the
WDTYPE2 field (Offset 02h[7:6]), and the timer is
disabled. The WATCHDOG timer is re-enabled when a
non-zero value is written to the WDTO register (Offset
00h).
The interrupt or SMI is deasserted when the WDOVF bit is
set to 0. The reset generated by the WATCHDOG functio-
nis used to trigger a system reset via the Core Logic mod-
ule. Thevalue of theWDOVF bit, theWDTYPE1field,and
the WDTYPE2 field are not affected by a system reset
(except when generated by power-on reset).
TheSC2200alsoallows no action to be takenwhenthe
timer reaches 0 (according to WDTYPE1 field and
WDTYPE2 field). In this case only the WDOVF bit is set to
1.
Figure 3-1. WATCHDOG Block Diagram
WDPRES
WDTO
Timer
WDOVF
WDTYPE1 or
WDTYPE2
Internal Fast-PCI Bus
32 KHz
POR#
WATCHDOG
Reset IRQ SMI
SUSPA#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com