Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 58 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 58 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 54Page - National Semiconductor (TI) SC2200 Datasheet HTML 55Page - National Semiconductor (TI) SC2200 Datasheet HTML 56Page - National Semiconductor (TI) SC2200 Datasheet HTML 57Page - National Semiconductor (TI) SC2200 Datasheet HTML 58Page - National Semiconductor (TI) SC2200 Datasheet HTML 59Page - National Semiconductor (TI) SC2200 Datasheet HTML 60Page - National Semiconductor (TI) SC2200 Datasheet HTML 61Page - National Semiconductor (TI) SC2200 Datasheet HTML 62Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 433 page
background image
www.national.com
58
Revision 3.0
Signal Definitions (Continued)
CS1#
AK29
AH27
O
Chip Selects. These bits are used to select
the module bank within system memory.
Each chip select corresponds to a specific
module bank. If CS# is high, the bank(s) do
not respond to RAS#, CAS#, and WE# until
the bank is selected again.
---
CS0#
P29
AL12
---
RASA#
N31
AK12
O
Row Address Strobe. RAS#, CAS#, WE#
and CKE are encoded to support the different
SDRAM commands. RASA# is used with
CS[1:0]#.
---
CASA#
N30
AJ12
O
Column Address Strobe. RAS#, CAS#,
WE# and CKE are encoded to support the
different SDRAM commands. CASA# is used
with CS[1:0]#.
---
WEA#
N29
AH12
O
Write Enable. RAS#, CAS#, WE# and CKE
are encoded to support the different SDRAM
commands. WEA# is used with CS[1:0]#.
---
DQM7
AJ20
AB31
O
Data Mask Control Bits. During memory
read cycles, these outputs control whether
SDRAM output buffers are driven on the MD
bus or not. All DQM signals are asserted dur-
ingreadcycles.
During memory write cycles, these outputs
control whether or not MD data is written into
SDRAM.
DQM[7:0] connect directly to the [DQM7:0]
pins of each DIMM connector.
---
DQM6
AJ26
AG29
---
DQM5
AC30
AK21
---
DQM4
T28
AL15
---
DQM3
AJ21
AC31
---
DQM2
AL26
AG30
---
DQM1
AF31
AH23
---
DQM0
M31
AL11
---
CKEA
AC28
AL22
O
Clock Enable. These signals are used to
enter Suspend/power-down mode. CKEA is
used with CS[1:0]#.
If CKE goes low when no read or write cycle
is in progress, the SDRAM enters power-
down mode. To ensure that SDRAM data
remains valid, the self-refresh command is
executed. To exit this mode, and return to
normal operation, drive CKE high.
These signals should have an external pull-
down resistor of 33 K
Ω.
---
SDCLK3
AJ16
V29
O
SDRAM Clocks. SDRAM uses these clocks
to sample all control, address, and data lines.
To ensure that the Suspend mode functions
correctly, SDCLK3 and SDCLK1 should be
used with CS1#. SDCLK2 and SDCLK0
shouldbeusedtogetherwithCS0#.
---
SDCLK2
AL20
AA28
---
SDCLK1
AH16
W29
---
SDCLK0
AC29
AJ21
---
SDCLK_IN
AJ30
AJ27
I
SDRAM Clock Input. The SC2200 samples
the memory read data on this clock. Works in
conjunction with the SDCLK_OUT signal.
---
2.4.2
Memory Interface Signals (Continued)
Signal Name
Ball No.
Type
Description
Mux
EBGA
TEPBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com