Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 78 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 78 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 74Page - National Semiconductor (TI) SC2200 Datasheet HTML 75Page - National Semiconductor (TI) SC2200 Datasheet HTML 76Page - National Semiconductor (TI) SC2200 Datasheet HTML 77Page - National Semiconductor (TI) SC2200 Datasheet HTML 78Page - National Semiconductor (TI) SC2200 Datasheet HTML 79Page - National Semiconductor (TI) SC2200 Datasheet HTML 80Page - National Semiconductor (TI) SC2200 Datasheet HTML 81Page - National Semiconductor (TI) SC2200 Datasheet HTML 82Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 433 page
background image
www.national.com
78
Revision 3.0
Signal Definitions (Continued)
2.4.19 Test and Measurement Interface Signals
Signal Name
Ball No.
Type
Description
Mux
EBGA
TEPBGA
PLL6B
C28
AG4
I/O
PLL6, PLL5 and PLL2 Bypass. These sig-
nals are used for internal testing only. For
normal operation leave unconnected.
TEST1
PLL5B
B29
AJ1
I/O
TEST2
PLL2B
D28
AH3
I/O
TEST0
GXCLK
AL16
V30
O
GX Clock. This signal is for internal testing
only. For normal operation either program as
FP_VDD_ON or leave unconnected.
FP_VDD_ON+
TEST3
TEST3
AL16
V30
O
Internal Test Signals. These signals are
used for internal testing only. For normal
operation, leave unconnected unless pro-
grammed as one of their muxed options.
FP_VDD_ON+
GXCLK
TEST2
B29
AJ1
O
PLL5B
TEST1
C28
AG4
O
PLL6B
TEST0
D28
AH3
O
PLL2B
GTEST
AL5
F30
I
Global Test. This signal is used for internal
testing only. For normal operation this signal
should be pulleddownwith1.5 K
Ω.
---
SDTEST5
AH3
D28
O
Memory Internal Test Signals. These sig-
nals are used for internal testing only. For
normal operation, these signals should be
programmed as one of their muxed options.
GPIO6+
DTR2#/BOUT2+
IDE_IOR1#
SDTEST4
AJ2
C31
O
GPIO8+CTS2#+
IDE_DREQ1
SDTEST3
AJ4
E28
O
SIN2
SDTEST2
AG4
C28
O
GPIO9+DCD2#+
IDE_IOW1#
SDTEST1
AJ1
B29
O
GPIO10+DSR2#
+IDE_IORDY1
SDTEST0
AH4
C30
O
GPIO7+RTS2#+
IDE_DACK1#
TDP
AH5
D30
I/O
Thermal Diode Positive / Negative. These
signals are for internal testing only. For nor-
mal operation leave unconnected.
---
TDN
AL3
D31
I/O
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com