Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 164 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 164 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 160Page - National Semiconductor (TI) SC2200 Datasheet HTML 161Page - National Semiconductor (TI) SC2200 Datasheet HTML 162Page - National Semiconductor (TI) SC2200 Datasheet HTML 163Page - National Semiconductor (TI) SC2200 Datasheet HTML 164Page - National Semiconductor (TI) SC2200 Datasheet HTML 165Page - National Semiconductor (TI) SC2200 Datasheet HTML 166Page - National Semiconductor (TI) SC2200 Datasheet HTML 167Page - National Semiconductor (TI) SC2200 Datasheet HTML 168Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 433 page
background image
www.national.com
164
Revision 3.0
Core Logic Module (Continued)
5.2.6.3
Programmable Interrupt Controller
The Core Logic module contains two 8259A-equivalent
programmable interrupt controllers, with eight interrupt
request lines each, for a total of 16 interrupts. The two con-
trollers are cascaded internally, and two of the interrupt
request inputs are connected to the internal circuitry. This
allows a total of 13 externally available interrupt requests.
SeeFigure5-9.
Each Core Logic IRQ signal can be individually selected to
as edge- or level-sensitive. The four PCI interrupt signals
may be routed internally to any PIC IRQ.
.
Figure 5-8. PIC Interrupt Controllers
Three interrupts are available externally depending upon
selected ball multiplexing:
1)
IRQ15 (muxed with GPIO11+RI2#),
2)
IRQ14 (muxedwithTFTD1), and
3)
IRQ9 (muxed with IDE_DATA6)
More of the IRQs are available through the use of SERIRQ
(muxed with GPIO39) function. See Table 5-4.
The Core Logic module allows PCI interrupt signals INTA#,
INTB#, INTC# (muxed with GPIO19+IOCHRDY) and
INTD#(muxedwith IDE_DATA7) toberoutedinternally to
any IRQ signal. The routing can be modified through Core
Logic module’s configuration registers. If this is done, the
IRQ input must be configured to be level- rather than edge-
sensitive. IRQ inputs may be individually programmed to be
active low, level-sensitive with the Interrupt Sensitivity con-
figuration registers at I/O address space 4D0h and 4D1h.
PCI interrupt configuration is discussed in further detail in
“PCI Compatible Interrupts” on page 165.
IR0
IR1
IR2
IR3
IR4
IR5
IR6
IR7
IRQ0
IRQ1
IRQ2
IRQ3
IRQ4
IRQ5
IRQ6
IRQ7
Internal
FPU
8254 Timer 0
RTC_IRQ#
IR0
IR1
IR2
IR3
IR4
IR5
IR6
IR7
IRQ8#
IRQ9
IRQ10
IRQ11
IRQ12
IRQ13
IRQ14
IRQ15
INTR
Table 5-4. PIC Interrupt Mapping
Master
IRQ
Mapping
IRQ0
Connected to the OUT0 (system timer) of
the internal 8254 PIT.
IRQ2
Connected to the slave’s INTR for a cas-
caded configuration.
IRQ8#
Connected to internal RTC.
IRQ13
Connected to the FPU interface of the
GX1 module.
IRQ15
Interrupts available to other functions
IRQ14
IRQ12
IRQ11
IRQ10
IRQ9
IRQ7
IRQ6
IRQ5
IRQ4
IRQ3
IRQ1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com