Electronic Components Datasheet Search
  English  ▼

X  

LET20045C Datasheet(PDF) 6 Page - STMicroelectronics

Part # LET20045C
Description  Excellent thermal stability
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LET20045C Datasheet(HTML) 6 Page - STMicroelectronics

  LET20045C Datasheet HTML 1Page - STMicroelectronics LET20045C Datasheet HTML 2Page - STMicroelectronics LET20045C Datasheet HTML 3Page - STMicroelectronics LET20045C Datasheet HTML 4Page - STMicroelectronics LET20045C Datasheet HTML 5Page - STMicroelectronics LET20045C Datasheet HTML 6Page - STMicroelectronics LET20045C Datasheet HTML 7Page - STMicroelectronics LET20045C Datasheet HTML 8Page - STMicroelectronics LET20045C Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Typical performances
LET20045C
6/9
Doc ID 022024 Rev 1
Figure 7.
IMD vs output power @ 28 V
Figure 8.
IMD vs output power @ 32 V
Figure 9.
ACPR and efficiency vs output
power @ 28 V
Figure 10.
ACPR and efficiency vs output
power @ 32 V
-80
-70
-60
-50
-40
-30
-20
-10
110
100
Output power (W PEP)
IMD3
IMD5
IMD7
IMD9
F1 = 1998 MHz
F2 = 2000 MHz
VDD = 28V - IDQ = 500mA
AM10107V1
-80
-70
-60
-50
-40
-30
-20
-10
110
100
Output power (W PEP)
IMD3
IMD5
IMD7
IMD9
F1 = 1998 MHz
F2 = 2000 MHz
VDD = 32V - IDQ = 500mA
AM10108V1
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
30
40
0.1
1
10
100
Output power (W)
750 KHz
1.98 MHz
Efficiency
Freq = 2000 MHz
VDD= 28V- IDQ= 500mA
IS95 modulation
9 channel FWD
AM10109V1
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
30
40
0.1
1
10
100
Output power (W)
750 KHz
1.98 MHz
Efficiency
Freq = 2000 MHz
VDD= 32V- IDQ= 500mA
IS95 modulation
9 channel FWD
AM10110V1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com