Electronic Components Datasheet Search
  English  ▼

X  

LET20045C Datasheet(PDF) 2 Page - STMicroelectronics

Part # LET20045C
Description  Excellent thermal stability
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LET20045C Datasheet(HTML) 2 Page - STMicroelectronics

  LET20045C Datasheet HTML 1Page - STMicroelectronics LET20045C Datasheet HTML 2Page - STMicroelectronics LET20045C Datasheet HTML 3Page - STMicroelectronics LET20045C Datasheet HTML 4Page - STMicroelectronics LET20045C Datasheet HTML 5Page - STMicroelectronics LET20045C Datasheet HTML 6Page - STMicroelectronics LET20045C Datasheet HTML 7Page - STMicroelectronics LET20045C Datasheet HTML 8Page - STMicroelectronics LET20045C Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Maximum ratings
LET20045C
2/9
Doc ID 022024 Rev 1
1
Maximum ratings
Table 2.
Absolute maximum ratings (TCASE = 25 °C)
Symbol
Parameter
Value
Unit
V(BR)DSS
Drain-source voltage
80
V
VGS
Gate-source voltage
-0.5 to +15
V
ID
Drain current
12
A
PDISS
Power dissipation (@ TC = 70 °C)
130
W
TJ
Max. operating junction temperature
200
°C
TSTG
Storage temperature
-65 to +150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rth(JC)
Junction-case thermal resistance
1.0
°C/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com