Electronic Components Datasheet Search
  English  ▼

X  

LET20045C Datasheet(PDF) 5 Page - STMicroelectronics

Part # LET20045C
Description  Excellent thermal stability
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LET20045C Datasheet(HTML) 5 Page - STMicroelectronics

  LET20045C Datasheet HTML 1Page - STMicroelectronics LET20045C Datasheet HTML 2Page - STMicroelectronics LET20045C Datasheet HTML 3Page - STMicroelectronics LET20045C Datasheet HTML 4Page - STMicroelectronics LET20045C Datasheet HTML 5Page - STMicroelectronics LET20045C Datasheet HTML 6Page - STMicroelectronics LET20045C Datasheet HTML 7Page - STMicroelectronics LET20045C Datasheet HTML 8Page - STMicroelectronics LET20045C Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LET20045C
Typical performances
Doc ID 022024 Rev 1
5/9
4
Typical performances
Figure 3.
Gain vs output power and bias
current
Figure 4.
Gain and efficiency vs output
power
Figure 5.
Gain vs output power and supply
voltage
Figure 6.
Efficiency vs output power and
supply voltage
6
8
10
12
14
16
18
20
22
0.01
0.1
1
10
100
Output power (W)
Idq = 300mA
Idq = 500mA
Idq = 700 mA
Idq = 900mA
AM10103V1
Freq = 2000 MHz
VDD = 28V
0
10
20
30
40
50
60
70
80
6
8
10
12
14
16
18
20
22
010
20
3040506070
Output power (W)
Gain
Efficiency
AM10104V1
Freq = 2000 MHz
VDD = 28V
6
8
10
12
14
16
18
20
22
110
100
Output power (W)
36V
32V
30V
28V
26V
24V
20V
16V
AM10105V1
Freq = 2000 MHz
IDQ = 500 mA
0
10
20
30
40
50
60
70
010
20
3040506070
8090
Output power (W)
36V
32V
30V
28V
26V
24V
20V
16V
AM10106V1
Freq = 2000 MHz
IDQ = 500 mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com