Electronic Components Datasheet Search
  English  ▼

X  

LET20045C Datasheet(PDF) 3 Page - STMicroelectronics

Part # LET20045C
Description  Excellent thermal stability
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LET20045C Datasheet(HTML) 3 Page - STMicroelectronics

  LET20045C Datasheet HTML 1Page - STMicroelectronics LET20045C Datasheet HTML 2Page - STMicroelectronics LET20045C Datasheet HTML 3Page - STMicroelectronics LET20045C Datasheet HTML 4Page - STMicroelectronics LET20045C Datasheet HTML 5Page - STMicroelectronics LET20045C Datasheet HTML 6Page - STMicroelectronics LET20045C Datasheet HTML 7Page - STMicroelectronics LET20045C Datasheet HTML 8Page - STMicroelectronics LET20045C Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LET20045C
Electrical characteristics
Doc ID 022024 Rev 1
3/9
2
Electrical characteristics
TC = 25 °C
Table 4.
Static
Symbol
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
VGS = 0 V; IDS = 10 mA
80
V
IDSS
VGS = 0 V; VDS = 28 V
1
µA
IGSS
VGS = 5 V; VDS = 0 V
1
µA
VGS(Q)
VDS = 28 V; ID = 100 mA
2.0
5.0
V
VDS(ON)
VGS = 10 V; ID = 3 A
0.8
1.2
V
GFS
VDS = 10 V; ID = 3 A
2.5
mho
CISS
VGS = 0 V; VDS = 28 V; f = 1 MHz
77
pF
COSS
VGS = 0 V; VDS = 28 V; f = 1 MHz
39
pF
CRSS
VGS = 0 V; VDS = 28 V; f = 1 MHz
1.2
pF
Table 5.
Dynamic
Symbol
Test conditions
Min.
Typ.
Max.
Unit
POUT
VDD = 28 V; IDQ = 500 mA; PIN = 2.5 W; f = 2000 MHz
45
54
-
W
GPS
VDD = 28 V; IDQ = 500 mA; PIN = 2.5 W; f = 2000 MHz
12
13.3
-
dB
hD
VDD = 28 V; IDQ = 500 mA; PIN = 2.5 W; f = 2000 MHz
45
51
-
%
Load
mismatch
VDD = 28 V; IDQ = 500 mA; PIN = 2.5 W; f = 2000 MHz
All phase angles
10:1
VSWR



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com