Electronic Components Datasheet Search
  English  ▼

X  

STD26P3LLH6 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STD26P3LLH6
Description  Low gate input resistance
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD26P3LLH6 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STD26P3LLH6 Datasheet HTML 2Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 3Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 4Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 5Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 6Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 7Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 8Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 9Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical characteristics
STD26P3LLH6
6/16
DocID023574 Rev 5
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Thermal impedance
ID
10
1
0.1
0.1
1
VDS(V)
10
(A)
100µs
1ms
10ms
Tj=175°C
Tc=25°C
Single pulse
AM15963v1
Figure 4. Output characteristics
Figure 5. Transfer characteristics
Figure 6. Gate charge vs gate-source voltage
Figure 7. Static drain-source on-resistance
ID
30
20
10
0
0
0.4
VDS(V)
0.8
(A)
0.2
0.6
1
3V
4V
1.2
25
15
5
5V
6V
7V
8V
9V
10V
35
AM15964v1
ID
30
20
10
0
0
4
VGS(V)
8
(A)
2
6
5
15
25
35
VDS=1V
AM15965v1
VGS
6
4
2
0
0
4
Qg(nC)
(V)
16
8
8
12
10
12
20
24
28
AM15966v1
RDS(on)
30.0
20.0
10.0
0.0
0
8
ID(A)
(mΩ)
4
VGS=10V
2
6
10
40.0
AM15967v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com