Electronic Components Datasheet Search
  English  ▼

X  

STD26P3LLH6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD26P3LLH6
Description  Low gate input resistance
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD26P3LLH6 Datasheet(HTML) 1 Page - STMicroelectronics

  STD26P3LLH6 Datasheet HTML 1Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 2Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 3Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 4Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 5Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 6Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 7Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 8Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
This is information on a product in full production.
February 2014
DocID023574 Rev 5
1/16
STD26P3LLH6
P-channel 30 V, 0.024
Ω typ., 12 A, STripFET™ VI DeepGATE™
Power MOSFET in a DPAK package
Datasheet - production data
Figure 1. Internal schematic diagram
Features
• R
DS(on)
* Q
g
industry benchmark
• Extremely low on-resistance R
DS(on)
• High avalanche ruggedness
• Low gate input resistance
Applications
• Switching applications
• LCC converters, resonant converters
Description
This device is a P-channel Power MOSFET
developed using the 6
th
generation of STripFET™
DeepGATE™ technology, with a new gate
structure. The resulting Power MOSFET exhibits
the lowest R
DS(on)
in all packages
Note:
For the P-channel Power MOSFETs the actual polarity of the voltages and the current must
be reversed.
1
3
TAB
2
DPAK
D(2 or TAB)
G(1)
S(3)
AM11258v1
Order code
VDSS
RDS(on)
max
ID
PTOT
STD26P3LLH6
30 V
0.030
Ω(1)
1.
@ V
GS
= 10 V
12 A
40 W
Table 1. Device summary
Order code
Marking
Package
Packaging
STD26P3LLH6
26P3LLH6
DPAK
Tape and reel
www.st.com


Similar Part No. - STD26P3LLH6

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
STD260BLK VCC-STD260BLK Datasheet
67Kb / 1P
STD
logo
SamHop Microelectronics...
STD2640NL SAMHOP-STD2640NL Datasheet
895Kb / 8P
N-Channel E nhancement Mode Field Effect Transistor
logo
STMicroelectronics
STD26NF10 STMICROELECTRONICS-STD26NF10 Datasheet
397Kb / 13P
N-channel 100V - 0.033Ω - 25A - DPAK Low gate charge STripFET™II Power MOSFET
20-Apr-2007
logo
VBsemi Electronics Co.,...
STD26NF10T4 VBSEMI-STD26NF10T4 Datasheet
983Kb / 8P
N-Channel 100-V (D-S) MOSFET
More results

Similar Description - STD26P3LLH6

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMJ7N70SK3 DIODES-DMJ7N70SK3 Datasheet
288Kb / 6P
Low Gate Input Resistance
Rev 3
logo
STMicroelectronics
STB13NM60N STMICROELECTRONICS-STB13NM60N Datasheet
1Mb / 24P
Low gate input resistance
19-Jun-2015
STB18N60M2 STMICROELECTRONICS-STB18N60M2 Datasheet
1Mb / 21P
Low gate input resistance
28-Feb-2014
STD9N40M2 STMICROELECTRONICS-STD9N40M2 Datasheet
847Kb / 16P
Low gate input resistance
June 2014 Rev 2
STF13NM06N-H STMICROELECTRONICS-STF13NM06N-H Datasheet
787Kb / 13P
Low gate input resistance
08-Jan-2010
STB34NM60N STMICROELECTRONICS-STB34NM60N Datasheet
1Mb / 17P
Low gate input resistance
20-Mar-2015
STF13N60M2 STMICROELECTRONICS-STF13N60M2 Datasheet
1Mb / 14P
Low gate input resistance
03-Mar-2014
STL13N60M2 STMICROELECTRONICS-STL13N60M2 Datasheet
1Mb / 16P
Low gate input resistance
27-Jun-2014
STL22N65M5 STMICROELECTRONICS-STL22N65M5 Datasheet
1Mb / 17P
Low gate input resistance
01-Feb-2013
STL34N65M5 STMICROELECTRONICS-STL34N65M5 Datasheet
1Mb / 15P
Low gate input resistance
07-Apr-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com