Electronic Components Datasheet Search
  English  ▼

X  

STD26P3LLH6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STD26P3LLH6
Description  Low gate input resistance
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD26P3LLH6 Datasheet(HTML) 5 Page - STMicroelectronics

  STD26P3LLH6 Datasheet HTML 1Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 2Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 3Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 4Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 5Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 6Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 7Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 8Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DocID023574 Rev 5
5/16
STD26P3LLH6
Electrical characteristics
16
Note:
For the P-channel Power MOSFETs the actual polarity of the voltages and the current must
be reversed.
Table 7. Switching on/off (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
t
d(on)
Turn-on delay time
V
DD
= 24 V, I
D
= 1.5 A,
R
G
= 4.7
Ω, V
GS
= 10 V
(see Figure 13)
-15
-
ns
t
r
Rise time
-
15
-
ns
t
d(off)
Turn-off delay time
-
24
-
ns
t
f
Fall time
-
21
-
ns
Table 8. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
I
SD
Source-drain current
-
12
A
I
SDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current (pulsed)
-
48
A
V
SD
(2)
2.
Pulsed: pulse duration = 300 μs, duty cycle 1.5%
Forward on voltage
I
SD
= 12 A, V
GS
= 0
-
1.1
V
t
rr
Reverse recovery time
I
SD
= 12 A,
di/dt = 100 A/μs,
V
DD
= 16 V
(see Figure 15)
-15
ns
Q
rr
Reverse recovery charge
-
6.5
nC
I
RRM
Reverse recovery current
-
0.9
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com