Electronic Components Datasheet Search
  English  ▼

X  

STD26P3LLH6 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STD26P3LLH6
Description  Low gate input resistance
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD26P3LLH6 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STD26P3LLH6 Datasheet HTML 3Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 4Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 5Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 6Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 7Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 8Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 9Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 10Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DocID023574 Rev 5
7/16
STD26P3LLH6
Electrical characteristics
16
Figure 8. Capacitance variations
Figure 9. Normalized gate threshold voltage vs
temperature
Figure 10. Normalized on-resistance vs
temperature
Figure 11. Normalized VDS vs temperature
Figure 12. Source-drain diode forward
characteristics
C
600
400
200
0
0
10
VDS(V)
(pF)
5
800
15
Ciss
Coss
Crss
20
25
1000
1200
1400
1600
AM15968v1
VGS(th)
0.8
0.6
0.4
0.2
-55
-5
TJ(°C)
(norm)
-30
1
70
20
45
95
ID=250µA
0
120
AM15969v1
RDS(on)
0.8
0.6
0.2
0
-55
5
TJ(°C)
(norm)
-30
70
20
45
95
1
1.2
1.4
ID=6A
0.4
1.6
120
AM15970v1
VDS
TJ(°C)
(norm)
0.94
0.96
0.98
1
1.02
1.04
1.06
1.08
ID=1mA
-55
5
-30
70
20
45
95
120
AM15971v1
VSD
2
6
ISD(A)
(V)
4
8
10
0.6
0.7
0.8
0.9
TJ=-55°C
TJ=175°C
TJ=25°C
1
0.5
AM15972v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com