Electronic Components Datasheet Search
  English  ▼

X  

PC97307 Datasheet(PDF) 47 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 47 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 43Page - National Semiconductor (TI) PC97307 Datasheet HTML 44Page - National Semiconductor (TI) PC97307 Datasheet HTML 45Page - National Semiconductor (TI) PC97307 Datasheet HTML 46Page - National Semiconductor (TI) PC97307 Datasheet HTML 47Page - National Semiconductor (TI) PC97307 Datasheet HTML 48Page - National Semiconductor (TI) PC97307 Datasheet HTML 49Page - National Semiconductor (TI) PC97307 Datasheet HTML 50Page - National Semiconductor (TI) PC97307 Datasheet HTML 51Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 218 page
background image
47
Keyboard (and Mouse) Controller (KBC) (Logical Devices 0 and 1)
www.national.com
FIGURE 3-7. Quasi-Bidirectional Driver
FIGURE 3-8. Current Limiting Resistor
MR
Port
Write
Internal Bus
PORT
F/F
ORL, ANL
+VCC
PAD
IN
Q1
Q2
Q3
D
P
Q
Q
PC87307/PC97307
Port Pin
Port Pin
R
R
R: current limiting resistor
A small-value series current limiting
resistor is recommended when
port pins are used for input.
100
500
Ω
–
100
500
Ω
–
If a 1 is asserted, an externally applied signal may pull down
the output. Therefore, input from this quasi-bidirectional cir-
cuit can be correctly read if preceded by a 1 written to out-
put.
P20 and P21 are driven by open-drain drivers.
When the KBC is reset, all port data bits are initialized to 1.
3.5
INTERNAL KBC - PC87307/PC97307 INTERFACE
The KBC interfaces internally with the part via three regis-
ters: an input (DBBIN), output (DBBOUT) and status (STA-
TUS) register. See Figure 3-1 on page 43 and Table 3-1.
TABLE 3-1. System Interface Operations
RD WR
Default
Addresses
Operation
0
1
60h
Read DBBOUT
1
0
60h
Write DBBIN, F1 Clear (Data)
0
1
64h
Read STATUS
1
0
64h
Write DBBIN, F1 Set (Command)
Table 3-1 illustrates the use of address line A2 to differenti-
ate between data and commands. The device is selected by
chip identification of default address 60h (when A2 is 0) or
64h (when A2 is 1). After reset, these addresses can be
changed by software.
3.5.1
The KBC DBBOUT Register, Offset 60h,
Read Only
The DBBOUT register transfers data from the keyboard
controller to the part. It is written to by the keyboard control-
ler and read by the part for transfer to the PC. The PC may
be notified of the need to read data from the KBC by an in-
terrupt request or by polling the Output Buffer Full (OBF) bit
(bit 0 of the KBC STATUS register described in Section
3.5.3 on page 48).
3.5.2
The KBC DBBIN Register, Offset 60h (F1 Clear)
or 64h (F1 Set), Write Only
The DBBIN register transfers data from the part system to
the keyboard controller. (This transaction is transparent to
the user, who should program the device as if direct access
to the registers were in effect.)
When data is received in this manner, an Input Buffer Full
(IBF) internal interrupt may be generated in the KBC, to deal
with this data. Alternatively, reception of data in this manner
can be detected by the KBC polling the Input Buffer Full bit
(IBF, bit 1 of the KBC STATUS register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com