Electronic Components Datasheet Search
  English  ▼

X  

PC97307 Datasheet(PDF) 58 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 58 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 54Page - National Semiconductor (TI) PC97307 Datasheet HTML 55Page - National Semiconductor (TI) PC97307 Datasheet HTML 56Page - National Semiconductor (TI) PC97307 Datasheet HTML 57Page - National Semiconductor (TI) PC97307 Datasheet HTML 58Page - National Semiconductor (TI) PC97307 Datasheet HTML 59Page - National Semiconductor (TI) PC97307 Datasheet HTML 60Page - National Semiconductor (TI) PC97307 Datasheet HTML 61Page - National Semiconductor (TI) PC97307 Datasheet HTML 62Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 218 page
background image
58
Real-Time Clock (RTC) and Advanced Power Control (APC) (Logical Device 2)
www.national.com
4.4
DETAILED FUNCTIONAL DESCRIPTION
4.4.1
The ONCTL Signal
The APC checks when activation or deactivation conditions
are met, and sets or resets the ONCTL signal accordingly.
This signal activates the system power supply. ONCTL is
physically generated as the output of the ONCTL (set-reset)
flip-flop. The state of ONCTL depends on the following:
• The status of the Mask ONCTL Activation (MOAP) bit
• Presence of activation conditions
• Power source condition
• The preceding state of ONCTL
The Preceding State of the ONCTL Signal
A power failure may occur when the system is active or in-
active. The ONCTL flip-flop maintains the state of the
ONCTL signal at the time of the power failure. When power
is restored, the ONCTL signal returns the system to a state
determined by the saved status of ONCTL and the saved
value of the MOAP bit.
The MOAP Bit
The Mask ONCTL Activation in Power Failure (MOAP) bit
(bit 4 of APCR1) is controlled by software. It makes it possi-
ble to choose the desired system response upon return
from a power failure, and decide whether the system re-
mains inactive until it is manually switched on, or resumes
the state that prevailed at the time of the power failure, in-
cluding enabling of “wake-up” events, as described in the
next section.
Logical Conditions that Define the Status of the ONCTL
Flip-Flop
The logical conditions described here set or reset the
ONCTL flip-flop. They reflect the physical events described
in “System Power-Up and Power-Off Activation Event De-
scription” on page 59.
Conditions that set the ONCTL flip-flop:
• Timer Enable bit is 1 and there is a match between
the real-time clock and the time specified in the pre-
determined date registers.
• Switch On event occurred.
• Timer Match Enable bit is 1 and there is a match be-
tween the real-time clock and the time specified in the
pre-determined date registers.
User software must ensure unused date/time fields are
coherent, to ensure the comparison of valid bits gives
the correct results.
• The RING enable bit (bit 3 of APCR2) is 1 and one of
the following occurs:
— Bit 2 of APCR2 is 0, and a high-to-low transition is
detected on the RING input pin.
— Bit 2 0f APCR2 is 1 and a train of pulses is detected
on the RING input pin.
• RI1,2 Enable bit(s) are 1 and a high to low transition is
detected on the RI1,2 input pin(s).
Conditions that put the ONCTL flip-flop in a 1 state (inactive
ONCTL signal):
• Switch Off Delay Enable bit is 0 and Switch Off event
occurred.
• Switch Off Delay Enable bit is 1 and Fail-safe Timer
reached terminal count.
• A 1 is written to Software Off Command bit.
4.4.2
Entering Power States
Power Up
When power is first applied to the RTC, the APC registers
are initialized to default values defined in APCR1, APCR2
and APSR. See “Bank 2 Registers, APC Memory Bank” on
page 65. This situation is defined by the appearance of
VBAT or VCCH with no previous power.
The APC powers up when the RTC supply is applied from
any source and is always in an active state. The RTC may
be powered up, but inactive; this occurs if bit 0 of the regis-
ter at index 30h (see Section 2.3 on page 26) of this logical
device is not set. In this situation, the APC registers are not
accessible, since they are only accessed via the RTC. This
is also true of the general-purpose battery-backed RAM.
FIGURE 4-10. Switch Event Detector
Debounce
Switch-On Event
Switch-Off Event
SWITCH
VDD
VCCH
Falling
Edge
Detector
VDD Exists
POR
Edge or Trigger POR Select
Level POR Clear
APCR1 Register, Bit 2
APCR1 Register, Bit 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com