Electronic Components Datasheet Search
  English  ▼

X  

PC97307 Datasheet(PDF) 171 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 171 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 167Page - National Semiconductor (TI) PC97307 Datasheet HTML 168Page - National Semiconductor (TI) PC97307 Datasheet HTML 169Page - National Semiconductor (TI) PC97307 Datasheet HTML 170Page - National Semiconductor (TI) PC97307 Datasheet HTML 171Page - National Semiconductor (TI) PC97307 Datasheet HTML 172Page - National Semiconductor (TI) PC97307 Datasheet HTML 173Page - National Semiconductor (TI) PC97307 Datasheet HTML 174Page - National Semiconductor (TI) PC97307 Datasheet HTML 175Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 218 page
background image
171
General Purpose Input and Output (GPIO) Ports (Logical Device 7) and Chip Select Output Signals
www.national.com
TABLE 8-2. The GPIO Registers, Bank 1
GPIO Register
Offset
Type
Hard Reset
Value
Detailed Description
Port 1 Lock
Register
00h
R/W
00h
Bits 5-0 are reserved.
Bits 7,6 lock the Port 1 control settings for bits GPIO17,16,
respectively. Setting them to 1 locks the corresponding pin
direction and pull-up bit settings. When configured as output, the
pin value and buffer type are also locked.
Only master reset unlocks these bits by setting them to 0s.
Reserved
01h-07h
-
-
-
8.2
PROGRAMMABLE CHIP SELECT OUTPUT
SIGNALS
The part has three programmable chip select signals: CS2-
0. CS0 is an open drain output signal (CS1 and CS2 have
push-pull buffers). CS0 is in TRI-STATE when no VDD is ap-
plied.
Activation and deactivation (enabling and disabling) of
these chip select signals are controlled by the Function En-
able Register 2 (FER2) of logical device 8 (see section 9.2.4
on page 173) and the configuration registers for CS0, CS1
and CS2 at second level indexes 02h, 06h and 0Ah, respec-
tively.
These registers are accessed using two index levels.
The first level index points to the Programmable Chip Select
Index and Data registers, like other part configuration regis-
ters. See Sections 2.4.5 and 2.4.6 on page 36. The Pro-
grammable Chip Select Configuration Index and Data
registers are at index 23h and 24h respectively.
The second level points to one of the three registers for
each CS pin. See “Programmable Chip Select Configura-
tion Registers” on page 39. Each CS pin is configured by
the three registers assigned to it. One specifies the base ad-
dress MSB. One specifies the base address LSB and one
configures the CS pin.
All 16 address bits are decoded, with five mask options to
ignore (not decode) address bits A0, A1, A2, A3 and A4-11.
Decoding of only address and AEN pins, without RD or WR
pins, is also supported.
A CS signal is asserted when an address match occurs and
may be qualified by RD or WR signal(s). An address match
occurs when the AEN signal is inactive (low) and the non-
masked address pins match the corresponding base ad-
dress bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com