Electronic Components Datasheet Search
  English  ▼

X  

PC87338 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 22Page - National Semiconductor (TI) PC87338 Datasheet HTML 23Page - National Semiconductor (TI) PC87338 Datasheet HTML 24Page - National Semiconductor (TI) PC87338 Datasheet HTML 25Page - National Semiconductor (TI) PC87338 Datasheet HTML 26Page - National Semiconductor (TI) PC87338 Datasheet HTML 27Page - National Semiconductor (TI) PC87338 Datasheet HTML 28Page - National Semiconductor (TI) PC87338 Datasheet HTML 29Page - National Semiconductor (TI) PC87338 Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 221 page
background image
26
www.national.com
DRATE0
DRATE1
(Normal
Mode)
52
51
50
49
O
Group 8
Data Rates 0 and 1. These FDC output signals reflect the currently
selected FDC data rate, (bits 1 and 0 in the Configuration Control
Register (CCR) or the Data Rate Select Register (DSR), whichever
was written to last). The pins are totem-pole buffered output signals
(6 mA sink, 6 mA source).
DRATE0 is multiplexed with MSEN0. DRATE1 is multiplexed with
MSEN1, SIRQI2, CS0 and DACK3.
DRATE0
(PPM
Mode)
87
85
O
Group 8
Data Rate 0. This pin provides an additional FDC data rate signal,
in PPM mode, when PNF = 0.
DRATE0 is multiplexed with PD6. See Table 72 for more
information.
DRQ0
DRQ1
DRQ2
DRQ3
56
33
4
60
54
31
2
58
O
Group 6
DMA Requests 0, 1, 2 and 3. These active high outputs signal the
DMA controller that a data transfer is required.
This DMA request can be sourced by one of the following: FDC,
SCC2 or parallel port. When not sourced by any of them, it is in
TRI-STATE. In Plug and Play mode, when the sourced device is
disabled or when the sourced device is configured with no DMA, it
is also in TRI-STATE. Upon reset, DRQ2 is used by the FDC; and
DRQ0,1 and 3 are in TRI-STATE.
DRQ3 is multiplexed with IRQ15, and SIRQI1.
DRV2
49
47
I
Group 4
Drive2. This FDC input signal indicates (low) when a second disk
drive has been installed. The state of this signal is available from
Status Register A in PS/2 mode. This pin is configured when bits 7
and 6 of SIRQ3 are 00.
DRV2 is multiplexed with DR23, PNF, SIRQI3 and IRSL2.
DSKCHG
(Normal
Mode)
32
30
I
Group 4
Disk Change. This FDC input signal indicates if the drive door is
open. The state of this signal is available from the Digital Input
Register (DIR). This signal can also be configured as the RGATE
data separator diagnostic input signal via the MODE command (see
“The MODE Command” on page -101)
(PPM
Mode)
89
87
I
Group 4
Disk Change. This signal provides an additional FDC Disk Change
signal in PPM Mode when PNF = 0.DSKCHG is multiplexed with
PD4. See Table 36 for more information.
DSR1
DSR2
76
68
74
66
I
Group 1
Data Set Ready signals 1 and 2. When low, these UART signals
indicates that the appropriate data transfer device or modem is
ready to establish a communications link. The DSR signal is a
modem status input whose condition can be tested by reading bit 5
(DSR) of the Modem Status Register (MSR) for the appropriate
channel. Bit 5 is the complement of the DSR signal. Bit 1 (DDSR)
of the MSR indicates whether the DSR input signal has changed
state since the previous reading of the MSR.
If modem status interrupts are enabled an interrupt is generated
whenever the DDSR bit of the MSR is set.
When DSR2 is not selected, it is masked to 0.
DSR2 is multiplexed with IRRX2, IRQ12 and IRSL0.
DSTRB
78
76
O
Group 11
Data Strobe. This signal is used in EPP mode as a data strobe. It
is active low.
DSTRB is multiplexed with AFD, DENSEL. See Table 72 for more
information.
Symbol
PQFP
Pin
TQFP
Pin
I/O and
Group #
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com