Electronic Components Datasheet Search
  English  ▼

X  

PC87338 Datasheet(PDF) 50 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 50 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 46Page - National Semiconductor (TI) PC87338 Datasheet HTML 47Page - National Semiconductor (TI) PC87338 Datasheet HTML 48Page - National Semiconductor (TI) PC87338 Datasheet HTML 49Page - National Semiconductor (TI) PC87338 Datasheet HTML 50Page - National Semiconductor (TI) PC87338 Datasheet HTML 51Page - National Semiconductor (TI) PC87338 Datasheet HTML 52Page - National Semiconductor (TI) PC87338 Datasheet HTML 53Page - National Semiconductor (TI) PC87338 Datasheet HTML 54Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 221 page
background image
50
www.national.com
Bit 3 - ECP Clock Freeze Control
When either this bit or the ECP enable bit is 0,
there is no change in the Chip clock stopping
mechanism.
0 - The ECP does not affect the stopping of the
clock multiplier (power-down mode 3) and
does not change the function of bit 0 of PTR.
1 - If the ECP is enabled (bit 2 of PCR is 1), the
clock multiplier is not stopped (power mode 3
is not entered) and the ECP clock is not
stopped (power down mode 2 excludes the
ECP).
Bit 4 - Reserved
This bit is reserved and must be set to 0.
Bit 5 - Parallel Port Interrupt Polarity Control
This bit controls the polarity of the interrupt line al-
located for the parallel port.
0 - The interrupt polarity is as defined in the exist-
ing Chip, and the ECP interrupt event is level
high or negative pulse.
1 - The interrupt event polarity is inverted.
Bit 6 - Parallel Port Open-Drain Control
Parallel port interrupt (the parallel port-allocated
interrupt line) open-drain control bit.
0 - The configured interrupt line (IRQ5 or IRQ7)
has a totem-pole output with TRI-STATE abili-
ty.
1 - The configured interrupt line has an open
drain output signal (drive low or TRI-STATE).
Bit 7 - Reserved
This bit is reserved. To maintain compatibility with
future Super I/O chips, do not modify this bit when
this register is written, i.e., use read-modify-write
to preserve the value of this bit.
2.3.7
Power Management Control
Register (PMC), Index 06h
This register controls the TRI-STATE and input sig-
nals. The PMC Register is accessed at index 06h.
The PMC Register is cleared to 0 on reset.
FIGURE 8. PMC Register Bitmap
Bit 0 - Reserved
This bit is reserved.
Bit 1 - FDC TRI-STATE Control
0 - No TRI-STATE enabled.
1 - If the FDC is powered down, the FDC output
signals are in TRI-STATE, except the FDC-al-
located interrupt line, PD, IDLE and the PPM
output signals, even if the PPM is used for
FDC pins, i.e., this bit does not control the
IRQ6 and PPM pins.
In addition, if the FDC is powered down, the
FDC input signals (except DSKCHG) are
blocked to reduce their leakage current.
Bit 2 - SCC1 TRI-STATE Control
This bit controls the TRI-STATE status of the
SCC1 output pins and blocked the input pins, to
avoid leakage current. This bit does not control the
TRI-STATE status of the SCC1 interrupt.
0 - TRI-STATE disabled on SCC1 signals.
1 - If SCC1 is disabled or the Chip is in power-
down mode, SCC1 output signals are in TRI-
STATE and the input signals are blocked to
reduce their leakage current.
The values of the blocked input signals are:
SIN1=1, CTS1=1, DSR1=1, DCD1=1 and
RI1=1.
Bit 3 - Reserved
This bit is reserved.
76
543
21
0
(PMC)
Reset
Required
Power Management
Index 06h
0
0
0
0
0
0
0
0
Control Register
Reserved
FDC TRI-STATE Control
SCC1 TRI-STATE Control
Reserved
PD and IDLE or IRSL2/ID2 Enable
Selective Lock
PPM TRI-STATE Enable
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com