Electronic Components Datasheet Search
  English  ▼

X  

PC87338 Datasheet(PDF) 66 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 66 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 62Page - National Semiconductor (TI) PC87338 Datasheet HTML 63Page - National Semiconductor (TI) PC87338 Datasheet HTML 64Page - National Semiconductor (TI) PC87338 Datasheet HTML 65Page - National Semiconductor (TI) PC87338 Datasheet HTML 66Page - National Semiconductor (TI) PC87338 Datasheet HTML 67Page - National Semiconductor (TI) PC87338 Datasheet HTML 68Page - National Semiconductor (TI) PC87338 Datasheet HTML 69Page - National Semiconductor (TI) PC87338 Datasheet HTML 70Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 221 page
background image
66
www.national.com
TABLE 31. SIRQI3 Plug and Play Interrupt Map-
ping
Bit 4 - Invert SIRQI3
In the following, x = 3, 4, 5, 6, 7, 9, 10, 11, 12 or
15, according to bits 0-3 of this register.
0 - SIRQI3 not inverted. IRQx = SIRQI3.
1 - SIRQI3 inverted. IRQx = SIRQI3.
Bit 5 - SIRQI3 Status
This bit is read-only. It holds the value of SIRQI3,
when selected on the pin.
Bits 7,6 - Select DRV2, DR23, PNF or SIRQI3
When DR23 controls the pin, it is asserted when
either drive 2 or drive 3 is accessed (except during
logical drive exchange - see bit 3 of TDR). Its value
is undefined in four drive encoded mode, i.e.,
when bit 4 of the FER register is 1.
DRV2 is masked to 1, when DR23 controls the pin
on the pin. When DRV2, PNF or SIRQI3 control
the pin, the pin is read via the DRV2 bit (in the FDC
registers).
When PNF does not control the pin, it is masked to
1.
These bits are ignored when bit 1 of the SCF3 reg-
ister is 1. Bit 1 of the SCF3 register allows selec-
tion of IRSL2/
ID0 (ID0 in PC97338 only) to control
the pin.
Table 32 shows how the values of these bits con-
trol which signal uses the pin they share.
TABLE 32. SelectingDRV2,DR23, PNF orSIRQI3
2.3.36 Plug-and-Play Configuration 3
Register (PNP3), Index 4Fh
This register allows configurable mapping of the
SCC2 DMA signals onto the ISA DMA channels, as
shown in Tables 33 and 34, for reception and trans-
mission, respectively.
When a DMA request pin, i.e., DRQ0, DRQ1, DRQ2
or DRQ3, is not configured as an FDC DMA request
signal, a parallel port DMA request signal or a SCC2
DMA request signal, it is in TRI-STATE.
When a DMA acknowledge pin, i.e., DACK0, DACK1,
DACK2 or DACK3, is not configured as an FDC DMA
acknowledge signal, a parallel port DMA acknowl-
edge signal or a SCC2 DMA acknowledge signal, it is
ignored.
FIGURE 38. PNP3 Register Bitmap
Bit 3Bit 2Bit 1
Bit 0
Interrupt
000
0
Disable
000
1
Invalid
001
0
Invalid
001
1
IRQ3
010
0
IRQ4
010
1
IRQ5
011
0
IRQ6
011
1
IRQ7
100
0
Invalid
100
1
IRQ9
101
0
IRQ10
101
1
IRQ11
110
0
IRQ12
110
1
Invalid
111
0
Invalid
111
1
IRQ15
Bit 1 of
SCF3
Bit 7 of
SIRQ3
Bit 6 of
SIRQ3
Signal that Uses
the Pin
00
0
DRV2
0
0
1
DR23
01
0
PNF
01
1
SIRQI3
1x
x
IRSL2
SCC2 DMA
SCC2 DMA Plug and Play
Reserved
76
543
21
0
Reset
Required
0
0
0
0
0
0
(PNP3)
Plug and Play Configuration
Index 4Fh
Register 3
Plug and Play Support
for Reception
Reserved
Support for Transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com