Electronic Components Datasheet Search
  English  ▼

X  

PC87338 Datasheet(PDF) 61 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 61 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 57Page - National Semiconductor (TI) PC87338 Datasheet HTML 58Page - National Semiconductor (TI) PC87338 Datasheet HTML 59Page - National Semiconductor (TI) PC87338 Datasheet HTML 60Page - National Semiconductor (TI) PC87338 Datasheet HTML 61Page - National Semiconductor (TI) PC87338 Datasheet HTML 62Page - National Semiconductor (TI) PC87338 Datasheet HTML 63Page - National Semiconductor (TI) PC87338 Datasheet HTML 64Page - National Semiconductor (TI) PC87338 Datasheet HTML 65Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 221 page
background image
61
www.national.com
FIGURE 26. PBAH Register Bitmap
2.3.25 SCC1 Base Address Low Byte
Register (S1BAL), Index 44h
This register holds the low address bits of SCC1’s
base address.
In Legacy mode, this register is ignored and the base
address of SCC1 is determined by bits 3 and 2, and
bits 7 and 6 of the FAR register.
This register may be modified only when SCC1 is dis-
abled. Undefined value when out of reset.
It is the software’s responsibility to configure all devic-
es so there will be no conflicts.
FIGURE 27. S1BAL Register Bitmap
2.3.26 SCC1 Base Address High Byte
Register (S1BAH), Index 45h
This register holds the high address bits of SCC1’s
base address.
In Legacy mode, this register is ignored and the base
address of SCC1 is determined by bits 3 and 2, and
bits 7 and 6 of the FAR register.
This register may be modified only when SCC1 is dis-
abled. Undefined value when out of reset.
It is the software’s responsibility to configure all devic-
es so as to avoid conflicts.
FIGURE 28. S1BAH Register Bitmap
2.3.27 SCC2 Base Address Low Byte
Register (S2BAL), Index 46h
This register holds the low address bits of SCC2’s
base address.
In Legacy mode, this register is ignored and the base
address of SCC2 is determined by bits 7 through 4 of
the FAR register.
This register may be modified only when SCC2 is dis-
abled. Undefined value when out of reset.
It is the software’s responsibility to configure all devic-
es so as to avoid conflicts.
FIGURE 29. S2BAL Register Bitmap
Reserved
Reserved
A10
A11
A12
A13
A14
A15
Reserved
Reserved
Reserved
A10
Reserved
Reserved
Reserved
Reserved
Address Length
7
6
5
432
10
Reset
Required
x
x
x
x
x
x
x
x
11 Bits
16 bits
CFG0 = 1
CFG0 = 0
(PBAH)
Parallel Port Base Address
Index 43h
High Byte Register
76
543
21
0
Reset
Required
x
x
x
x
x
x
x
x
Reserved
A3
A4
A5
A6
A7
A8
A9
(S1BAL)
SCC1 Base Address
Index 44h
Low Byte Register
Reserved
Reserved
A10
A11
A12
A13
A14
A15
Reserved
Reserved
Reserved
A10
Reserved
Reserved
Reserved
Reserved
Address Length
7
654
32
10
Reset
Required
x
x
x
x
x
x
x
x
11 Bits
16 bits
CFG0 = 1
CFG0 = 0
(S1BAH)
SCC1 Base Address
Index 45h
High Byte Register
76
543
21
0
Reset
Required
x
x
x
x
x
x
x
x
Reserved
A3
A4
A5
A6
A7
A8
A9
(S2BAL)
SCC2 Base Address
Index 46h
Low Byte Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com