Electronic Components Datasheet Search
  English  ▼

X  

PC87338 Datasheet(PDF) 42 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 42 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 38Page - National Semiconductor (TI) PC87338 Datasheet HTML 39Page - National Semiconductor (TI) PC87338 Datasheet HTML 40Page - National Semiconductor (TI) PC87338 Datasheet HTML 41Page - National Semiconductor (TI) PC87338 Datasheet HTML 42Page - National Semiconductor (TI) PC87338 Datasheet HTML 43Page - National Semiconductor (TI) PC87338 Datasheet HTML 44Page - National Semiconductor (TI) PC87338 Datasheet HTML 45Page - National Semiconductor (TI) PC87338 Datasheet HTML 46Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 221 page
background image
42
www.national.com
7
654
32
10
(ASC)
Reset
Required
Advanced SuperI/O Chip
Index 09h
0
0
0
x
0
0
1
1
7
654
32
10
(CS0LA)
Reset
Required
Chip Select 0
Index 0Ah
7
654
32
10
Reset
Required
0
0
0
0
0
0
0
0
7
654
32
10
Reset
Required
Low Address Register
A0
A1
A2
A3
A4
A5
A6
A7
Reserved
Reserved
Reserved
Reserved
Reserved
A0
A1
A2
A3
A4
A5
A6
A7
Configuration Register
Select IRQ5 or ADRATE0
Reserved
Enhanced TDR Support
PNF Status
Select DENSEL or ADRATE1
ECP CNFGA Bit
DENSEL Polarity Select
System Operation Mode
(CS0CF)
Chip Select 0
Index 0Bh
Configuration Register
Number of Decoded Address Bits
CS0 Assert Enable (Write)
CS0 Assert Enable (Read)
(CS1LA)
Chip Select 1
Index 0Ch
Low Address Register
A8
A9
A10
A11
A12
A13
A14
A15
A8
A9
Reserved
A10
Reserved
Reserved
Reserved
Reserved
Address Length
765
432
10
Reset
Required
0
0
0
0
0
0
0
0
Reserved
Reserved
Reserved
Reserved
Reserved
(CS1CF)
Chip Select 1
Index 0Dh
Configuration Register
Number of Decoded Address Bits
CS1 Assert Enable (Write)
CS1 Assert Enable (Read)
7
6
5
432
10
(CS0HA)
Reset
Required
Chip Select 0
Index 10h
High Address Register
11 Bits
16 bits
CFG0 = 1
CFG0 = 0
7
6
5
432
10
Register 0 (SCF0)
Reset
Required
Index 12h
x
x
x
0
x
x
x
x
A8
A9
A10
A11
A12
A13
A14
A15
A8
A9
Reserved
A10
Reserved
Reserved
Reserved
Reserved
Address Length
7
6
5
432
10
(CS1HA)
Reset
Required
Chip Select 1
Index 11h
High Address Register
11 Bits
16 bits
CFG0 = 1
CFG0 = 0
Reserved
Reserved
Reserved
UART TRI-STATE Control
Reserved
Reserved
Reserved
Reserved
SuperI/O Chip
Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com