Electronic Components Datasheet Search
  English  ▼

X  

PC87338 Datasheet(PDF) 105 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 105 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 101Page - National Semiconductor (TI) PC87338 Datasheet HTML 102Page - National Semiconductor (TI) PC87338 Datasheet HTML 103Page - National Semiconductor (TI) PC87338 Datasheet HTML 104Page - National Semiconductor (TI) PC87338 Datasheet HTML 105Page - National Semiconductor (TI) PC87338 Datasheet HTML 106Page - National Semiconductor (TI) PC87338 Datasheet HTML 107Page - National Semiconductor (TI) PC87338 Datasheet HTML 108Page - National Semiconductor (TI) PC87338 Datasheet HTML 109Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 221 page
background image
105
www.national.com
Second Command Phase Byte
A hardware reset clears all the bits to zero (conven-
tional mode for all drives). PERPENDICULAR MODE
command bits may be written at any time.
The settings of bits 1 and 0 in this byte override the
logical drive configuration set by bits 5 through 2. If
bits 1 and 0 are both 0, bits 5 through 2 configure the
logical disk drives as conventional or perpendicular.
Otherwise, bits 2 and 0 configure them. See Table 50.
Bits 1,0 - Group Drive Mode Configuration (GDC)
These bits configure all the logical disk drives as
conventional or perpendicular. If the Overwrite bit
(OW, bit 7) is 0, this setting may be overridden by
bits 5-2.
It is not necessary to issue the FORMAT TRACK
command if all drives are conventional.
These bits are cleared to 0 by a software reset.
00 - Conventional. (Default)
01 - Perpendicular. (500 Kbps)
10 - Conventional.
11 - Perpendicular. (1 or 2 Mbps)
Bits 5-2 -Drive 3-0 Mode Configuration (DC3-0)
If bits 1,0 are both 0, and bit 7 is 1, these bits con-
figure logical drives 3-0 as conventional or perpen-
dicular. Bits 5-2 (DC3–0) correspond to logical
drives 3-0, respectively.
These bits are not affected by a software reset.
0 - Conventional drive. (Default)
It is not necessary to issue the FORMAT
TRACK command for conventional drives.
1 - Perpendicular drive.
Bit 7 - Overwrite (OW)
This bit enables or disables changes in the mode
of the logical drives by bits 5-2.
0 - Changes in mode of logical drives via bits 5-2
are ignored. (Default)
1 - Changes enabled.
Execution Phase
Internal registers are written.
Result Phase
None.
3.6.10 The READ DATA Command
The READ DATA command reads logical sectors that
contain a normal data address mark from the selected
drive and makes the data available to the host micro-
processor.
Command Phase
The READ DATA command phase bytes must specify
the following ID information for the desired sector:
• Track number
• Head number
• Sector number
• Bytes-per-sector code (See Table 44.)
• End of Track (EOT) sector number. This allows the
controller to read multiple sectors.
• The value of the data length byte is ignored and
must be set to FF (hex).
After the last command phase byte is written, the con-
troller waits the Delay Before Processing time (see
Table 59 on page 117) for the selected drive. During
this time, the drive motor must be turned on by en-
abling the appropriate drive and motor select disk in-
terface output signals via the bits of the Digital Output
Register (DOR). See “Digital Output Register (DOR),
Offset 010” on page 77.
First Command Phase Byte
Bit 5 - Skip Control (SK)
This controls whether or not sectors containing a
deleted address mark will be skipped during exe-
cution of the READ DATA command. See Table
51.
0 - Do not skip sector with deleted address mark.
1 - Skip sector with deleted address mark.
7654
3210
MT
MFM
SK
0
0110
IPS
X
X
X
X
HD
DS1
DS0
Track Number
Head Number
Sector Number
Bytes-Per-Sector Code
End of Track (EOT) Sector Number
Bytes Between Sectors - Gap 3
Data Length (Obsolete)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com