Electronic Components Datasheet Search
  English  ▼

X  

PC87338 Datasheet(PDF) 121 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 121 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 117Page - National Semiconductor (TI) PC87338 Datasheet HTML 118Page - National Semiconductor (TI) PC87338 Datasheet HTML 119Page - National Semiconductor (TI) PC87338 Datasheet HTML 120Page - National Semiconductor (TI) PC87338 Datasheet HTML 121Page - National Semiconductor (TI) PC87338 Datasheet HTML 122Page - National Semiconductor (TI) PC87338 Datasheet HTML 123Page - National Semiconductor (TI) PC87338 Datasheet HTML 124Page - National Semiconductor (TI) PC87338 Datasheet HTML 125Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 221 page
background image
121
www.national.com
Result Phase
Upon terminating the execution phase of the WRITE
DATA command, the controller asserts IRQ6, indicat-
ing the beginning of the result phase. The micropro-
cessor must then read the result bytes from the FIFO.
The values that are read back in the result bytes are
shown in Table 52 on page 108. If an error occurs, the
result bytes indicate the sector read when the error
occurred.
3.6.25 The WRITE DELETED DATA
Command
he WRITE DELETED DATA command receives data
from the host and writes logical sectors containing a
deleted data Address Mark (AM) to the selected drive.
This command is identical to the WRITE DATA com-
mand, except that a deleted data AM, instead of a
normal data AM, is written to the data field.
Command Phase
See the READ DATA command starting on page 105
and WRITE DATA on page 120 for a description of
these bytes.
Execution Phase
Data is transferred from the system to the controller in
DMA or non-DMA modes, and written to the disk. See
“Execution Phase” starting on page 85 for a descrip-
tion of these data transfer modes.
Result Phase
Upon terminating the execution phase of the WRITE
DATA command, the controller asserts IRQ6, indicat-
ing the beginning of the result phase. The micropro-
cessor must then read the result bytes from the FIFO.
The values that are read back in the result bytes are
shown in Table 52 on page 108. If an error occurs, the
result bytes indicate the sector read when the error
occurred.
3.7
EXAMPLE OF A FOUR-DRIVE
CIRCUIT USING THE
PC87338/PC97338
Figure 59 shows one implementation of a four-drive
circuit. Refer to Table 36 on page 77 to see how to en-
code the drive and motor bits for this configuration.
7654
3210
Result Phase Status Register 0 (ST0)
Result Phase Status Register 1 (ST1)
Result Phase Status Register 2 (ST2)
Track Number
Head Number
Sector Number
Bytes-Per-Sector Code
7654
3210
MT
MFM
0
0
1001
IPS
X
X
X
X
HD
DS1
DS0
Track Number
Head Number
Sector Number
Bytes-Per-Sector Code
End of Track (EOT) Sector Number
Bytes Between Sectors - Gap 3
Data Length (Obsolete)
7654
3210
Result Phase Status Register 0 (ST0)
Result Phase Status Register 1 (ST1)
Result Phase Status Register 2 (ST2)
Track Number
Head Number
Sector Number
Bytes-Per-Sector Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com