Electronic Components Datasheet Search
  English  ▼

X  

PC87338 Datasheet(PDF) 195 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87338
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87338 Datasheet(HTML) 195 Page - National Semiconductor (TI)

Back Button PC87338 Datasheet HTML 191Page - National Semiconductor (TI) PC87338 Datasheet HTML 192Page - National Semiconductor (TI) PC87338 Datasheet HTML 193Page - National Semiconductor (TI) PC87338 Datasheet HTML 194Page - National Semiconductor (TI) PC87338 Datasheet HTML 195Page - National Semiconductor (TI) PC87338 Datasheet HTML 196Page - National Semiconductor (TI) PC87338 Datasheet HTML 197Page - National Semiconductor (TI) PC87338 Datasheet HTML 198Page - National Semiconductor (TI) PC87338 Datasheet HTML 199Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 221 page
background image
195
www.national.com
— VIL = VSS, VIH = VDD
— VDD = 3.3V
— FCR bit 0 of SCC1 and SCC2 are 1 (16550
mode - FIFO enabled)
3. When PCR bit 3 is 1, and the ECP is enabled (bit
2 of PCR is 1) the clock multiplier and the ECP
clock are not stopped.
7.1.2
Recommended Power-Down
Methods - Group 2
Use the power-down methods in Group 2 to place the
chip in any desired combination of the following pow-
er-down modes:
Mode 1:Parallel Port (SPP/EPP/ECP) is powered-
down, providing a possible saving of up to 5 mA.
Mode 2: SCCs are powered-down, providing a possi-
ble saving of up to 5 mA.
Mode 3:FDC is powered-down, providing a possible
saving of up to 4 mA.
7.1.3
Special Power-Down Cases
The FDC can be powered down by executing the
MODE command or by setting bit 6 of DSR to high.
This is equivalent to the Mode 2 described in the pre-
vious section. See Sections 3.3.7 and 3.6.7.
When the parallel port is enabled in Extended Capa-
bility Port (ECP) mode (bit 2 of the Printer Control
configuration Register (PCR) is 1), powering down by
setting bit 2 of the Power and Test configuration Reg-
ister (PTR) will not stop the clock of the ECP. Bit 3 of
PCR must also be 0 before the internal clock multipli-
er to the ECP can stop. See Sections 2.3.4 and 2.3.6.
7.2
POWER-UP
The chip powers up with all modules disabled, as de-
scribed in Mode 2, above.
7.2.1
The Clock Multiplier
The source of all internal clocks in the chip can be ei-
ther an external 48 MHz clock on the X1 pin, or the on-
chip clock multiplier.
The on-chip clock multiplier is fed by applying either a
14.31818 MHz or a 24 MHz clock on the same X1 pin.
It generates two internal clocks: 24 MHz and 48 MHz.
The 24 MHz clock is needed for SCC1, the FDC and
the Parallel Port. The 48 MHz clock is needed for
SCC2 and the FDC when it supports 2Mbps data
rates, as set by bit 1 of the Tape, SCCs and Parallel
Port (TUP) register. See Section 2.3.8.
After power-up or reset, the clock multiplier is dis-
abled.
Clock Multiplier Functionality
The on-chip clock multiplier starts working, when it is
enabled via the clock multiplier enable bit (bit 2 of the
CLK register, at index 51), i.e., when it changes from
0 to 1. This bit can also disable the on-chip clock mul-
tiplier and its output clock after the multiplier is en-
abled.
Once enabled, the output clock is frozen to a steady
logic level until the multiplier can provide a stable out-
put clock that meets all requirements; then it starts
toggling.
On power-on, when VDD is applied, the chip wakes-up
with the on-chip clock multiplier disabled. The input
and output clocks of the on-chip clock multiplier may
toggle regardless of the state of the Master Reset
(MR) pin (they can toggle while MR is active). The on-
chip clock multiplier must have a toggling input clock.
If the input clock is not toggling, the on-chip clock mul-
tiplier waits until this input clock starts toggling.
Bit 3 of the CLK register is the Valid Clock Multiplier
status bit. It is read only. While stabilizing, the output
clock is frozen to a steady logic level, and the status
bit is cleared to 0 to indicate a frozen clock. When the
on-chip clock multiplier is stable, the output clock
starts toggling and the status bit is set to 1. The status
bit tells the software, when the clock multiplier is
ready. The software should poll this status bit and ac-
tivate (enable) the FDC, Parallel Port, SCCs and in-
frared interface only if it is 1.
When the multiplier is enabled for the first time after
power-on, more time is required until this status bit is
set to 1.
The on-chip clock multiplier and its output clock do not
consume power, when they are disabled.
Clock Multiplier Specifications
Wake-up time, from valid VDD (2.1V minimum) tog-
gling input clock and multiplier enabled, until clock is
stable is 2.6 msec (maximum).
Tolerance (long term deviation) of the multiplier out-
put clock, relative to input clock is
±110 ppm.
Total tolerance is therefore
± (input clock tolerance +
110 ppm).
Cycle by cycle variance is 0.4 nsec (maximum).
7.2.2
Chip Power-Up Procedure
To ensure proper operation, do the following, after
power-up:
1. Set bits 2,1 and 0 of the Clock Control configura-
tion (CLK) register at index 51, according to the
external clock source used. See Table 107.
Bits 2,1 and 0 may be written in a single write cy-
cle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com